Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

935C Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # 935C
Description  High Current Capacitors for Switching Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

935C Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  935C Datasheet HTML 1Page - Cornell Dubilier Electronics 935C Datasheet HTML 2Page - Cornell Dubilier Electronics 935C Datasheet HTML 3Page - Cornell Dubilier Electronics 935C Datasheet HTML 4Page - Cornell Dubilier Electronics 935C Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
0
25
50
75
100
125
150
10
100
1000
10000
100000
Frequency (Hz)
935H - 200 Vdc
1 µF
5 µF
20 µF
0
50
100
150
200
250
300
10
100
1000
10000
100000
Frequency (Hz)
935C - 400Vdc
1 µF
3 µF
10 µF
0
100
200
10
100
1000
10000
100000
Frequency (Hz)
935C - 200Vdc
1 µF
5 µF
20 µF
RMS Voltage vs Frequency @ 25 ºC
0
50
100
150
200
250
300
10
100
1000
10000
100000
Frequency (Hz)
935H - 400 Vdc
1 µF
3 µF
10 µF
Wire Leads
Lug Leads
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
0
10
20
30
40
50
60
70
80
10
100
1000
10000
100000
Frequency (Hz)
935C - 100 Vdc
0
10
20
30
40
50
60
70
80
10
100
1000
10000
100000
Frequency (Hz)
935H - 100 Vdc
1 µF
5 µF
30 µF
1 µF
5 µF
30 µF
Type 935C, Metallized Polypropylene Capacitors for High Frequency Filtering
High Current Capacitors for Switching Power Supplies



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com