Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXLH152P040ED Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # AXLH152P040ED
Description  High Temperature Axial Leaded Aluminum Electrolytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AXLH152P040ED Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  AXLH152P040ED Datasheet HTML 1Page - Cornell Dubilier Electronics AXLH152P040ED Datasheet HTML 2Page - Cornell Dubilier Electronics AXLH152P040ED Datasheet HTML 3Page - Cornell Dubilier Electronics AXLH152P040ED Datasheet HTML 4Page - Cornell Dubilier Electronics AXLH152P040ED Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Cornell Dubilier
Part Number
Max.
ESR 5-100 kHz
125-150°C
(mΩ)
Maximum Ripple Current *
≥ 5 kHz/+125°C
(A)
≥ 5 kHz/+140°C
(A)
≥ 5 kHz/+150°C
(A)
AXLH222P025ED
10.6
22.2
14
6.3
AXLH332P025EH
7.8
25.8
16.3
7.3
AXLH472P025EL
6.4
28.5
18
8.1
AXLH152P040ED
10
22.8
14.4
6.5
AXLH222P040EH
7.9
25.7
16.2
7.3
AXLH272P040EL
6.7
27.9
17.6
7.9
AXLH471P063ED
17.5
17.3
10.9
4.9
AXLH681P063EH
13
20
12.7
5.7
AXLH901P063EL
10.6
22.2
14
6.3
Notice and Disclaimer: All product drawings, descriptions, specifications, statements, information and data
(collectively, the “Information”) in this datasheet or other publication are subject to change. The customer
is responsible for checking, confirming and verifying the extent to which the Information contained in this
datasheet or other publication is applicable to an order at the time the order is placed. All Information given
hereinisbelievedtobeaccurateandreliable,butitispresentedwithoutanyguarantee,warranty,representation
or responsibility of any kind, expressed or implied. Statements of suitability for certain applications are based
on the knowledge that the Cornell Dubilier company providing such statements (“Cornell Dubilier”) has
of operating conditions that such Cornell Dubilier company regards as typical for such applications, but
are not intended to constitute any guarantee, warranty or representation regarding any such matter – and
Cornell Dubilier specifically and expressly disclaims any guarantee, warranty or representation concerning
the suitability for a specific customer application, use, storage, transportation, or operating environment.
The Information is intended for use only by customers who have the requisite experience and capability to
determine the correct products for their application. Any technical advice inferred from this Information or
otherwise provided by Cornell Dubilier with reference to the use of any Cornell Dubilier products is given
gratis (unless otherwise specified by Cornell Dubilier), and Cornell Dubilier assumes no obligation or liability
for the advice given or results obtained. Although Cornell Dubilier strives to apply the most stringent quality
and safety standards regarding the design and manufacturing of its products, in light of the current state
of the art, isolated component failures may still occur. Accordingly, customer applications which require a
high degree of reliability or safety should employ suitable designs or other safeguards (such as installation
of protective circuitry or redundancies or other appropriate protective measures) in order to ensure that the
failure of an electrical component does not result in a risk of personal injury or property damage. Although
all product-related warnings, cautions and notes must be observed, the customer should not assume that all
safety measures are indicated in such warnings, cautions and notes, or that other safety measures may not be
required.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com