Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # CD4
Description  Ultra-High-Frequency Capacitor for CATV and RF Applications 0.1??Lead Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CD4 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  CD4 Datasheet HTML 1Page - Cornell Dubilier Electronics CD4 Datasheet HTML 2Page - Cornell Dubilier Electronics CD4 Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CDE Cornell Dubilier
•1605 E. Rodney French Blvd.•New Bedford, MA 02744•Ph: (508)996-8561•Fax: (508)996-3830• www.cde.com
Type CD4 High-Frequency, Mica Capacitors
Typical Performance Curves
Insertion Loss
Over the frequency range of 100 MHz to 1 GHz
the insertion loss in a balanced 50 Ω or 75 Ω sys-
tem is flat ±0.2 dB. A typical test setup is below.
Choosing CD4, CD16, CDV16, CD18 or CDV18
While insertion loss is flat within ±.2dB through 1 GHz,
you may be able to avoid the small notch by changing
the capacitor type to fit your capacitance. See table at
right.
TYPE
Flat to Above 1 GHz
CD17
470 pF max
CD4
620 pF max
CD16
870 pF
CDV16
870 pF
CD18
660 pF max
CDV18
1000 pF max
Insertion Loss vs. Frequency for
CD17FC621JO3, 75 Ω System



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com