Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMM Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # DMM
Description  Type DMM Polyester Film Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

DMM Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  DMM Datasheet HTML 1Page - Cornell Dubilier Electronics DMM Datasheet HTML 2Page - Cornell Dubilier Electronics DMM Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CDE Cornell Dubilier
•1605 E. Rodney French Blvd.•New Bedford, MA 02740•Phone: (508)996-8561•Fax: (508)996-3830 www.cde.com
CDE Cornell Dubilier
•1605 E. Rodney French Blvd.•New Bedford, MA 02740•Phone: (508)996-8561•Fax: (508)996-3830 www.cde.com
Type DMM Polyester Film Capacitors
RoHS Compliant
Cap.
(µF)
Catalog
Part Number
T Max.
Inches (mm)
H Max.
Inches (mm)
L Max.
Inches (mm)
S ±.06 (±1.5)
Inches (mm)
d
Inches (mm)
250 Vdc
1.00 DMM2W1K–F
0.394 (10.0)
0.670 (17.0)
1.024 (26.0)
0.886 (22.5)
0.032 (0.8)
1.50 DMM2W1P5K–F
0.394 (10.0)
0.768 (19.5)
1.221 (31.0)
1.083 (27.5)
0.032 (0.8)
2.20 DMM2W2P2K–F
0.512 (13.0)
0.866 (22.0)
1.221 (31.0)
1.083 (27.5)
0.032 (0.8)
3.30 DMM2W3P3K–F
0.630 (16.0)
1.024 (26.0)
1.221 (31.0)
1.083 (27.5)
0.032 (0.8)
4.70 DMM2W4P7K–F
0.630 (16.0)
1.024 (26.0)
1.221 (31.0)
1.083 (27.5)
0.032 (0.8)
400 Vdc
0.033 DMM4S33K–F
0.236 (6.0)
0.414 (10.5)
0.551 (14.0)
0.394 (10.0)
0.024 (0.6)
0.047 DMM4S47K–F
0.315 (8.0)
0.433 (11.0)
0.551 (14.0)
0.394 (10.0)
0.024 (0.6)
0.068 DMM4S68K–F
0.236 (6.0)
0.512 (13.0)
0.709 (18.0)
0.591 (15.0)
0.024 (0.6)
0.10 DMM4P1K–F
0.256 (6.5)
0.512 (13.0)
0.709 (18.0)
0.591 (15.0)
0.024 (0.6)
0.15 DMM4P15K–F
0.276 (7.0)
0.551 (14.0)
0.709 (18.0)
0.591 (15.0)
0.032 (0.8)
0.22 DMM4P22K–F
0.354 (9.0)
0.630 (16.0)
1.024 (26.0)
0.886 (22.5)
0.032 (0.8)
0.33 DMM4P33K–F
0.354 (9.0)
0.630 (16.0)
1.024 (26.0)
0.886 (22.5)
0.032 (0.8)
0.47 DMM4P47K–F
0.394 (10.0)
0.709 (18.0)
1.024 (26.0)
0.886 (22.5)
0.032 (0.8)
0.68 DMM4P68K–F
0.414 (10.5)
0.709 (18.0)
1.221 (31.0)
1.083 (27.5)
0.032 (0.8)
1.00 DMM4W1K–F
0.473 (12.0)
0.866 (22.0)
1.221 (31.0)
1.083 (27.5)
0.032 (0.8)
630 Vdc
0.01 DMM6S1K–F
0.236 (6.0)
0.394 (10.0)
0.551 (14.0)
0.394 (10.0)
0.024 (0.6)
0.015 DMM6S15K–F
0.256 (6.5)
0.453 (11.5)
0.551 (14.0)
0.394 (10.0)
0.024 (0.6)
0.022 DMM6S22K–F
0.276 (7.0)
0.492 (12.5)
0.551 (14.0)
0.394 (10.0)
0.024 (0.6)
0.033 DMM6S33K–F
0.315 (8.0)
0.532 (13.5)
0.709 (18.0)
0.591 (15.0)
0.024 (0.6)
0.047 DMM6S47K–F
0.295 (7.5)
0.492 (12.5)
0.709 (18.0)
0.591 (15.0)
0.024 (0.6)
0.068 DMM6S68K–F
0.335 (8.5)
0.571 (14.5)
0.709 (18.0)
0.591 (15.0)
0.032 (0.8)
0.10 DMM6P1K–F
0.374 (9.5)
0.630 (16.0)
0.709 (18.0)
0.591 (15.0)
0.032 (0.8)
0.15 DMM6P15K–F
0.394 (10.0)
0.670 (17.0)
1.024 (26.0)
0.886 (22.5)
0.032 (0.8)
0.22 DMM6P22K–F
0.433 (11.0)
0.788 (20.0)
1.024 (26.0)
0.886 (22.5)
0.032 (0.8)
0.33 DMM6P33K–F
0.512 (13.0)
0.866 (22.0)
1.221 (31.0)
1.083 (27.5)
0.032 (0.8)
0.47 DMM6P47K–F
0.512 (13.0)
0.866 (22.0)
1.221 (31.0)
1.083 (27.5)
0.032 (0.8)
0.68 DMM6P68K–F
0.591 (15.0)
1.024 (26.0)
1.221 (31.0)
1.083 (27.5)
0.032 (0.8)
1.00 DMM6W1K–F
0.689 (17.5)
1.182 (30.0)
1.221 (31.0)
1.083 (27.5)
0.032 (0.8)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com