Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPP Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # DPP
Description  Polypropylene Radial Leaded Film Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

DPP Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  DPP Datasheet HTML 1Page - Cornell Dubilier Electronics DPP Datasheet HTML 2Page - Cornell Dubilier Electronics DPP Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type DPP Polypropylene Radial Leaded Film Capacitors
Catalog
Cap
Part Number
T Max.
H Max.
L Max.
S ±0.06 (±1.5) d ±0.05 (1.27)
(µF)
Inches (mm)
Inches (mm) Inches (mm)
Inches (mm)
Inches (mm)
250 Vdc (140 Vac 60 Hz)
.033
DPP2S33K-F
0.335 (8.5)
0.551 (14.0)
0.788 (20.0)
0.591 (15.0)
0.024 (.6)
.047
DPP2S47K-F
0.354 (9.0)
0.630 (16.0)
0.788 (20.0)
0.591 (15.0)
0.024 (.6)
.068
DPP2S68K-F
0.433 (11.0)
0.630 (16.0)
0.788 (20.0)
0.591 (15.0)
0.024 (.6)
.10
DPP2P1K-F
0.394 (10.0)
0.709 (18.0)
1.024 (26.0)
0.788 (20.0)
0.032 (.8)
.15
DPP2P15K-F
0.473 (12.0)
0.866 (22.0)
1.024 (26.0)
0.788 (20.0)
0.032 (.8)
.22
DPP2P22K-F
0.551 (14.0)
0.945 (24.0)
1.024 (26.0)
0.788 (20.0)
0.032 (.8)
.33
DPP2P33K-F
0.591 (15.0)
0.985 (25.0)
1.260 (32.0)
1.083 (27.5)
0.032 (.8)
.47
DPP2P47K-F
0.680 (16.0)
1.063 (27.0)
1.260 (32.0)
1.083 (27.5)
0.032 (.8)
400 Vdc (250 Vac 60 Hz)
.010
DPP4S1K-F
0.335 (8.5)
0.551 (14.0)
0.591 (15.0)
0.394 (10.0)
0.024 (.6)
.015
DPP4S15K-F
0.354 (9.0)
0.591 (15.0)
0.591 (15.0)
0.394 (10.0)
0.024 (.6)
.022
DPP4S22K-F
0.394 (10.0)
0.670 (17.0)
0.768 (19.5)
0.591 (15.0)
0.024 (.6)
.033
DPP4S33K-F
0.394 (10.0)
0.670 (17.0)
0.768 (19.5)
0.591 (15.0)
0.024 (.6)
.047
DPP4S47K-F
0.354 (9.0)
0.630 (16.0)
1.024 (26.0)
0.788 (20.0)
0.032 (.8)
.068
DPP4S68K-F
0.433 (11.0)
0.709 (18.0)
1.024 (26.0)
0.788 (20.0)
0.032 (.8)
.10
DPP4P1K-F
0.473 (12.0)
0.788 (20.0)
1.260 (32.0)
1.083 (27.5)
0.032 (.8)
.15
DPP4P15K-F
0.473 (12.0)
0.906 (23.0)
1.260 (32.0)
1.083 (27.5)
0.032 (.8)
630 Vdc (250 Vac 60 Hz)
.0010
DPP6 D1K-F
0.256 (6.5)
0.492 (12.5)
0.591 (15.0)
0.394 (10.0)
.024 (.6)
.0015
DPP6 D15K-F 0.276 (7.0)
0.492 (12.5)
0.591 (15.0)
0.394 (10.0)
.024 (.6)
.0022
DPP6 D22K-F 0.276 (7.0)
0.492 (12.5)
0.591 (15.0)
0.394 (10.0)
.024 (.6)
.0033
DPP6 D33K-F 0.295 (7.5)
0.473 (12.0)
0.768 (19.5)
0.591 (15.0)
.024 (.6)
.0047
DPP6 D47K-F 0.315 (8.0)
0.492 (12.5)
0.768 (19.5)
0.591 (15.0)
.024 (.6)
.0068
DPP6 D68K-F 0.354 (9.0)
0.551 (14.0)
0.768 (19.5)
0.591 (15.0)
.024 (.6)
.010
DPP6S1K-F
0.354 (9.0)
0.551 (14.0)
1.024 (26.0)
0.788 (20.0)
.024 (.6)
.015
DPP6S15K-F
0.394 (10.0)
0.630 (16.0)
1.024 (26.0)
0.788 (20.0)
.024 (.6)
.022
DPP6S22K-F
0.433 (11.0)
0.670 (17.0)
1.024 (26.0)
0.788 (20.0)
.024 (.6)
.033
DPP6S33K-F
0.433 (11.0)
0.670 (17.0)
1.260 (32.0)
1.083 (27.5)
.032 (.8)
.047
DPP6S47K-F
0.492 (12.5)
0.748 (19.0)
1.260 (32.0)
1.083 (27.5)
.032 (.8)
.068
DPP6S68K-F
0.551 (14.0)
0.866 (22.0)
1.260 (32.0)
1.083 (27.5)
.032 (.8)
.100
DPP6P1K-F
0.512 (13.0)
0.866 (22.0)
1.260 (32.0)
1.083 (27.5)
.032 (.8)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com