Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C14613 Datasheet(PDF) 1 Page - Cree, Inc

Part # C14613
Description  Flare series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C14613 Datasheet(HTML) 1 Page - Cree, Inc

  C14613 Datasheet HTML 1Page - Cree, Inc C14613 Datasheet HTML 2Page - Cree, Inc C14613 Datasheet HTML 3Page - Cree, Inc C14613 Datasheet HTML 4Page - Cree, Inc C14613 Datasheet HTML 5Page - Cree, Inc C14613 Datasheet HTML 6Page - Cree, Inc C14613 Datasheet HTML 7Page - Cree, Inc C14613 Datasheet HTML 8Page - Cree, Inc C14613 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT DATASHEET
Flare series
last update 21/12/2015
DETAILS
Product Number
C14613_FLARE-MAXI-T
Family
Flare
Type
Lens
Color
clear
Diameter
43x28,4 mm
Height
15,5 mm
Style
rectang
Optic Material
PMMA
Holder Material
Fastening
pin, screw
Status
production ready
ROHS Comliant
Yes
Date Updated
21/12/2015
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
MK-R
76+19 deg
Asymmetric 89 %
1.450
-
LUXEON M/MX
82+21 deg
Asymmetric 93 %
1.300
-
Duris P10
sim: AsymmetricAsymmetric sim: 88 % sim: 1.460 -
Z8Y22P
Asymmetric degAsymmetric 94 %
1.600
-
June 2nd 2017 4:38 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C14613

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C14613 LEDIL-C14613 Datasheet
2Mb / 5P
43 x 28 mm lens with ~80째 20째 tilted oval beam
More results

Similar Description - C14613

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C13012 CREE-C13012 Datasheet
3Mb / 59P
Flare series
C12763 CREE-C12763 Datasheet
1Mb / 25P
Flare series
C12837 CREE-C12837 Datasheet
1Mb / 27P
Flare series
C13015 CREE-C13015 Datasheet
971Kb / 20P
Flare series
C13016 CREE-C13016 Datasheet
1Mb / 22P
Flare series
CA12764 CREE-CA12764 Datasheet
2Mb / 39P
Flare series
CA13057 CREE-CA13057 Datasheet
1Mb / 31P
Flare series
CA13058 CREE-CA13058 Datasheet
1Mb / 27P
Flare series
CA14366 CREE-CA14366 Datasheet
976Kb / 15P
Flare series
CA12838 CREE-CA12838 Datasheet
2Mb / 41P
Flare series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com