Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLP Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # MLP
Description  Double the ripple capability with a heatsink
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MLP Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  MLP Datasheet HTML 1Page - Cornell Dubilier Electronics MLP Datasheet HTML 2Page - Cornell Dubilier Electronics MLP Datasheet HTML 3Page - Cornell Dubilier Electronics MLP Datasheet HTML 4Page - Cornell Dubilier Electronics MLP Datasheet HTML 5Page - Cornell Dubilier Electronics MLP Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type MLP 85 °C Flatpack, Ultra Long Life, Aluminum Electrolytic
Very Low Profile
Mounting tabs and negative
lead are welded to the case.
Mounting tabs and negative
lead are welded to the case.
The negative lead is welded
to the case.
Three negative leads are
welded to the case.
Outline Drawings
Note: The polyester tape wrap may add up to 0.020 inches to the thickness and width of the capacitor.
Part Numbering System
MLP
102
M
200
EB
0
A
Type
Capacitance
Tolerance Rated Voltage
Case Code
Insulation
Mounting Style
MLP
821=820 µF
102 = 1000 µF
M=±20%
Vdc
EK, L=1.5 in.
EA, L=2.0 in
EB, L=3.0 in.
0 = bare can
1 = polyester
A = mounting tabs
B = four leads
C = two leads/no tabs
D = hook leads/tabs
E = hook leads/no tabs
Case
Code
Length
L (in)
Weight
(g)
EK
1.5
30
EA
2.0
42
EB
3.0
66
•
•
L ±0.02
1.5 MIN
0.040 DIA, 18 AWG LEADS
(TYP)
1.00
±0.01
1.75
±0.01
0.50 MAX
1.5 MIN
+
•
•
L ±0.02
1.5 MIN
0.040 DIA, 18 AWG
(TYP)
1.00
±0.01
1.75
±0.01
0.50 MAX
+
L +0.375
±0.03
.188 ±0.01
Φ.156
±0.01
.375
±0.01
L
0.02
1.00
±0.01
1.75
±0.01
.260
Φ0.156 ±0.01 SLOT
Φ0.040, 18 AWG LEADS
(TYP)
MAY BE SQUARE
.036
.030
.50 MAX
Style D: Hook Leads
L±.02
.375±.01
Φ.156
±0.01
.188±.01
L+.375
±0.03
1.75
±0.01
1.00
±0.01
1.5 MIN
.156 ±0.01 SLOT
MAY BE SQUARE
0.040 DIA, 18 AWG LEADS
(TYP)
.030
.036
.50 MAX
Style B: Four Leads
Style A: Mounting Tabs
Style C: No Tabs
±0.01



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com