Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

715P12398L Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # 715P12398L
Description  Low dissipation factor.
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

715P12398L Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  715P12398L Datasheet HTML 1Page - Cornell Dubilier Electronics 715P12398L Datasheet HTML 2Page - Cornell Dubilier Electronics 715P12398L Datasheet HTML 3Page - Cornell Dubilier Electronics 715P12398L Datasheet HTML 4Page - Cornell Dubilier Electronics 715P12398L Datasheet HTML 5Page - Cornell Dubilier Electronics 715P12398L Datasheet HTML 6Page - Cornell Dubilier Electronics 715P12398L Datasheet HTML 7Page - Cornell Dubilier Electronics 715P12398L Datasheet HTML 8Page - Cornell Dubilier Electronics 715P12398L Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Standard Lead Styles
TERMINAL A
TERMINAL B ,F
TERMINAL D,G,H
TERMINAL C
Standard Lead Spacings
CASE
CODE
N
J
K
L
M
Term. A
0.394 (10)
0.500 (12.7)
0.688 (17.5)
1.031 ( 26.2)
1 406 (35.7)
Term. B
0.394 (10)
0.500 (12.7)
0.688 (17.5)
0.969 (24.6)
1.344 (34.1)
S, inches (metric, mm in parentheses)
Term. D
0.375 (9.5)
0.375 (9.5)
0.719 (18.3)
1.094 (27.8)
Term. C *
0.886 (22.5)
Term. F
0.295 (7.5)
0.394 (10)
0.590 (15)
0.886 (22.5)
Term. G
0.197 (5)
0.295 (7.5)
0.394 (10)
0.590 (15)
1.083 (27.5)
Term. H
0.197 (5)
0.295 (7.5)
* Terminal C is designed for printed circuit boards requiring a lead spacing of 0.886 (22.5) with board hole sizes of 0.044 (1.1)
to 0.048 (1.2) in diameter. Available for "L" case code parts only. Please consult us if you have a specific requirement.
---
Standard Marking Format
CDE715P600V
222J 9810
CDE
715P
600V
222J
9810
-
-
-
-
-
CDE Electronics identification
Type number
D-C Voltage rating, Volts
Capacitance and tolerance code
Weekly date code
(i.e. 10th week of 1998)
F
G
H
J
K
±1%
±2%
±3%
±5%
±10%
Dimensions in inches, metric (mm) in parenthesis.
Sample Marking
on unit
Description
Tolerance codes
per EIA Standards
---
---
---
---
---
---
---
---
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type 715P, Orange Drop®, Polypropylene Film/Foil Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com