Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

716P10398L Datasheet(PDF) 7 Page - Cornell Dubilier Electronics

Part # 716P10398L
Description  Extremely low dissipation factor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

716P10398L Datasheet(HTML) 7 Page - Cornell Dubilier Electronics

Back Button 716P10398L Datasheet HTML 3Page - Cornell Dubilier Electronics 716P10398L Datasheet HTML 4Page - Cornell Dubilier Electronics 716P10398L Datasheet HTML 5Page - Cornell Dubilier Electronics 716P10398L Datasheet HTML 6Page - Cornell Dubilier Electronics 716P10398L Datasheet HTML 7Page - Cornell Dubilier Electronics 716P10398L Datasheet HTML 8Page - Cornell Dubilier Electronics 716P10398L Datasheet HTML 9Page - Cornell Dubilier Electronics 716P10398L Datasheet HTML 10Page - Cornell Dubilier Electronics 716P10398L Datasheet HTML 11Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Type 716P Standard Sizes/Ratings
2
Value
µF
Part
Number
1
L max
T max
H max
d
Value
µF
Part
Number
1
L max
T max
H max
d
2000 VDC / 500 VAC*
1600 VDC / 500 VAC*
.001
.0012
.0015
.0018
.0022
.0027
.0033
.0039
.0047
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
716P102916L
716P122916L
716P152916L
716P182916L
716P222916L
716P272916L
716P332916L
716P392916L
716P472916L
716P562916L
716P682916L
716P822916L
716P103916L
716P123916L
716P153916M
716P183916M
716P223916M
716P273916M
716P333916M
1.25 (31.8)
1.25 (31.8)
1.25 (31.8)
1.25 (31.8)
1.25 (31.8)
1.25 (31.8)
1.25 (31.8)
1.25 (31.8)
1.25 (31.8)
1.25 (31.8)
1.25 (31.8)
1.25 (31.8)
1.25 (31.8)
1.25 (31.8)
1.65 (41.9)
1.65 (41.9)
1.65 (41.9)
1.65 (41.9)
1.65 (41.9)
.28 (7.1)
.29 (7.4)
.30 (7.6)
.31 (7.9)
.32 (8.1)
.35 (8.9)
.37 (9.4)
.38 (9.7)
.41 (10.4)
.43 (10.9)
.47 (11.9)
.47 (11.9)
.51 (13.0)
.55 (14.0)
.49 (12.4)
.53 (13.5)
.58 (14.7)
.63 (16.0)
.69 (17.5)
.47 (11.2)
.48 (12.2)
.50 (12.7)
.55 (14.0)
.56 (14.2)
.59 (15.0)
.61 (15.5)
.67 (17.0)
.69 (17.5)
.72 (18.3)
.75 (19.1)
.85 (21.6)
.90 (22.9)
.94 (23.9)
.87 (22.1)
.91 (23.1)
.96 (24.4)
1.02 (25.9)
1.08 (27.4)
.032 (0.8)
.032 (0.8)
.032 (0.8)
.032 (0.8)
.032 (0.8)
.032 (0.8)
.032 (0.8)
.032 (0.8)
.032 (0.8)
.032 (0.8)
.032 (0.8)
.032 (0.8)
.032 (0.8)
.032 (0.8)
.040 (1.0)
.040 (1.0)
.040 (1.0)
.040 (1.0)
.040 (1.0)
.001
.0012
.0015
.0018
.0022
.0027
.0033
.0039
.0047
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
716P102920L
716P122920L
716P152920L
716P182920L
716P222920L
716P272920L
716P332920L
716P392920L
716P472920L
716P562920L
716P682920L
716P822920L
716P103920L
716P123920L
716P153920M
716P183920M
716P223920M
716P273920M
716P333920M
1.25 (31.8)
1.25 (31.8)
1.25 (31.8)
1.25 (31.8)
1.25 (31.8)
1.25 (31.8)
1.25 (31.8)
1.25 (31.8)
1.25 (31.8)
1.25 (31.8)
1.25 (31.8)
1.25 (31.8)
1.25 (31.8)
1.25 (31.8)
1.65 (41.9)
1.65 (41.9)
1.65 (41.9)
1.65 (41.9)
1.65 (41.9)
.28 (71.)
.29 (7.4)
.30 (7.6)
.31 (7.9)
.32 (8.1)
.35 (8.9)
.37 (9.4)
.38 (9.7)
.41 (10.4)
.43 (10.9)
.47 (11.9)
.47 (11.9)
.51 (13.0)
.55 (14.0)
.49 (12.4)
.53 (13.5)
.58 (14.7)
.63 (16.0)
.69 (17.5)
.47 (11.9)
.48 (12.2)
.50 (12.7)
.55 (14.0)
.56 (14.2)
.59 (15.0)
.61 (15.5)
.67 (17.0)
.69 (17.5)
.72 (18.3)
.75 (19.1)
.85 (21.6)
.90 (22.9)
.94 (23.9)
.87 (22.1)
.91 (23.1)
.96 (24.4)
1.02 (25.9)
1.08 (27.4)
.032 (0.8)
.032 (0.8)
.032 (0.8)
.032 (0.8)
.032 (0.8)
.032 (0.8)
.032 (0.8)
.032 (0.8)
.032 (0.8)
.032 (0.8)
.032 (0.8)
.032 (0.8)
.032 (0.8)
.032 (0.8)
.040 (1.0)
.040 (1.0)
.040 (1.0)
.040 (1.0)
.040 (1.0)
* Please refer to performance curves for RMS Voltage vs. Frequency characteristics.
12 Type 716P capacitors are available through the CDE Distribution Network on special order.
Please note:
It is not possible to list every capacitance value available for each rating, if you require a specific
cap value not listed just give us a call. We will supply the details you need.
Dimensions in inches, metric (mm) in parenthesis.
To complete part number for proper tolerance, terminal style and lead length please refer to Ordering/Part Number Information page.
1
High Performance
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type 7 1
olypropylene Film/Foil Capacitors
6 P, Orange Drop, P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com