Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

716P22398L Datasheet(PDF) 8 Page - Cornell Dubilier Electronics

Part # 716P22398L
Description  Extremely low dissipation factor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

716P22398L Datasheet(HTML) 8 Page - Cornell Dubilier Electronics

Back Button 716P22398L Datasheet HTML 4Page - Cornell Dubilier Electronics 716P22398L Datasheet HTML 5Page - Cornell Dubilier Electronics 716P22398L Datasheet HTML 6Page - Cornell Dubilier Electronics 716P22398L Datasheet HTML 7Page - Cornell Dubilier Electronics 716P22398L Datasheet HTML 8Page - Cornell Dubilier Electronics 716P22398L Datasheet HTML 9Page - Cornell Dubilier Electronics 716P22398L Datasheet HTML 10Page - Cornell Dubilier Electronics 716P22398L Datasheet HTML 11Page - Cornell Dubilier Electronics 716P22398L Datasheet HTML 12Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Corona, Dissipation Factor Specifications
Corona Start Voltage
Maximum Dissipation Factor (D.F.) in %
D-C Rating
100
200
400, 600
800, 1000
1200
1600, 2000
Typical Corona
Start Voltage, RMS
250
300
325
600
625
650
Cap
Range (µF)
.001 - .012
.015 - .027
.033 - .068
.082 - .1
.12 - .33
.39 - .56
.68 - 1.0
100V-600V
20KHz
.028
.029
.030
.031
.034
.038
.047
100KHz
.034
.038
.046
.053
.076
.107
.167
800V/1000V
20KHz
.037
.037
.038
.048
.049
100KHz
.075
.078
.087
.135
.141
1200V
20KHz
.034
.035
.042
100KHz
.064
.067
.104
1600V/2000V
20KHz
.032
.037
.037
100KHz
.053
.078
.079
For additional information on Corona and Dissipation Factor please refer to the
Technical Reference section of this catalog. For more specific data or assistance
with a specific application just give us a call.
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
High Performance
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type 7 1
olypropylene Film/Foil Capacitors
6 P, Orange Drop, P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com