Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLS331M200EK0C Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # MLS331M200EK0C
Description  Now Available with High Vibration and High Reliability Options
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MLS331M200EK0C Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  MLS331M200EK0C Datasheet HTML 1Page - Cornell Dubilier Electronics MLS331M200EK0C Datasheet HTML 2Page - Cornell Dubilier Electronics MLS331M200EK0C Datasheet HTML 3Page - Cornell Dubilier Electronics MLS331M200EK0C Datasheet HTML 4Page - Cornell Dubilier Electronics MLS331M200EK0C Datasheet HTML 5Page - Cornell Dubilier Electronics MLS331M200EK0C Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1
10
100
1000
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2 1.3 1.4 1.5
Rated Ripple-Current Multiple
Type MLS Operating Life in Kilohours vs Ripple Current (90% V)
45⁰C
55⁰C
65⁰C
75⁰C
85⁰C
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Ratings
Type MLS 125 °C Flatpack, Ultra Long Life, Aluminum Electrolytic
Available with High Vibration and High Reliability Options
ESR max
Ripple (A)
ESR max
Ripple (A)
Cap
25 °C (mΩ)
Case @ 85°C
Length
Cap
25 °C (mΩ)
Case @ 85°C
Length
(µF)
Catalog Part Number 120 Hz 20 kHz 120 Hz 20 kHz (inches)
(µF) Catalog Part Number 120 Hz 20 kHz 120 Hz 20 kHz (inches)
125 °C: 5 Vdc, 105 °C: 7.5 Vdc, 25 °C Surge: 10 Vdc
2,100
MLS212M060EA0C
72
52
11.9
14.1
2.0
19,000
MLS193M5R0EK0C
76
66
11.6
12.5
1.5
3,300
MLS332M060EB0C
44
31
15.3
18.2
3.0
28,000
MLS283M5R0EA0c
50
44
14.3
15.4
2.0
125 °C: 75 Vdc, 105 °C: 100 V, 25 °C Surge: 125 Vdc
47,000
MLS473M5R0EB0C
30
26
18.5
19.9
3.0
1,100
MLS112M075EK0C
112
78
9.6
11.5
1.5
125 °C: 7.5 Vdc, 105 °C: 10 V, 25 °C Surge: 13 Vdc
1,600
MLS162M075EA0C
76
54
11.6
13.8
2.0
17,000
MLS173M7R5EK0C
77
67
11.5
12.4
1.5
2,700
MLS272M075EB0C
46
33
14.9
17.6
3.0
26,000
MLS263M7R5EA0c
51
45
14.1
15.1
2.0
125 °C: 100 Vdc, 105 °C: 150 V, 25 °C Surge: 180 Vdc
43,000
MLS433M7R5EB0C
31
27
18.2
19.5
3.0
500
MLS501M100EK0C
355
248
5.4
6.4
1.5
125 °C: 10 Vdc, 105 °C: 16 V, 25 °C Surge: 20 Vdc
770
MLS771M100EA0C
238
166
6.6
7.8
2.0
13,000
MLS133M010EK0C
81
69
11.3
12.2
1.5
1,300
MLS132M100EB0C
143
100
8.5
10.1
3.0
23,000
MLS233M010EA0C
51
45
14.0
15.0
2.0
125 °C: 150 Vdc, 105 °C: 200 V, 25 °C Surge: 250 Vdc
38,000
MLS383M010EB0C
31
27
18.2
19.5
3.0
400
MLS401M150EK0C
388
253
5.1
6.4
1.5
125 °C: 20 Vdc, 105 °C: 30 V, 25 °C Surge: 40 Vdc]
600
MLS601M150EA0C
261
168
6.3
7.8
2.0
6,800
MLS682M020EK0C
84
69
11.0
12.2
1.5
1,000
MLS102M150EB0C
158
100
8.1
10.1
3.0
10,000
MLS103M020EA0C
56
46
13.6
15.0
2.0
125 °C: 200 Vdc, 105 °C: 250 Vdc, 25 °C Surge: 300 Vdc
17,000
MLS173M020EB0C
33
27
17.6
19.5
3.0
330
MLS331M200EK0C
426
258
4.9
6.2
1.5
125 °C: 40 Vdc, 105 °C: 50 V, 25 °C Surge: 63 Vdc
490
MLS491M200EA0C
285
172
6.0
7.7
2.0
4,400
MLS442M040EK0C
97
70
10.3
12.1
1.5
820
MLS821M200EB0C
172
103
7.7
10.0
3.0
6,600
MLS662M040EA0C
62
46
12.9
15.0
2.0
125 °C: 250 Vdc, 105 °C: 250 Vdc, 25 °C Surge: 300 Vdc
11,000
MLS113M040EB0C
36
27
16.9
19.5
3.0
220
MLS221M250EK0C
597
393
4.1
5.1
1.5
125 °C: 60 Vdc, 105 °C: 80 V, 25 °C Surge: 100 Vdc
330
MLS331M250EA0C
399
262
5.0
6.3
2.0
1,500
MLS152M060EK0C
106
77
9.8
11.5
1.5
560
MLS561M250EB0C
240
157
6.5
8.1
3.0
Typical Performance Curves



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com