Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLP331M300EA0A Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # MLP331M300EA0A
Description  Double the ripple capability with a heatsink
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MLP331M300EA0A Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  MLP331M300EA0A Datasheet HTML 1Page - Cornell Dubilier Electronics MLP331M300EA0A Datasheet HTML 2Page - Cornell Dubilier Electronics MLP331M300EA0A Datasheet HTML 3Page - Cornell Dubilier Electronics MLP331M300EA0A Datasheet HTML 4Page - Cornell Dubilier Electronics MLP331M300EA0A Datasheet HTML 5Page - Cornell Dubilier Electronics MLP331M300EA0A Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type MLP 85 °C Flatpack, Ultra Long Life, Aluminum Electrolytic
Very Low Profile
Vibration Test
Level
The specimens, while deenergized or operating under the load conditions
specified, shall be subjected to the vibration amplitude, frequency range,
and duration specified for each case size.
Amplitude
The specimens shall be subjected to a simple harmonic motion having
an amplitude of either 0.06-inch double amplitude (maximum total
excursion) or peak level specified above (XXg peak), whichever is less. The
tolerance on vibration amplitude shall be ±10 percent.
Frequency Range
The vibration frequency shall be varied logarithmically between the
approximate limits of 10 to 2,000 Hz.
Sweep Time and Duration
The entire frequency range of 10 to 2,000 Hz and return to 10 Hz shall be
traversed in 20 minutes. This cycle shall be performed 12 times in each
of three mutually perpendicular directions (total of 36 times), so that
the motion shall be applied for a total period of approximately 12 hours.
Interruptions are permitted provided the requirements for rate of change
and test duration are met.
Thermal Resistance
ESL
<30 nH measured 1/4” from case at 1 MHz
Weight
Case EK 30 g typical
Case EA 42 g typical
Case EB 66 g typical
Terminals
18 AWG copper wire with 60/40 tin-lead electroplate, 20 amps max
Double the Ripple Current
Attach the MLP to an external heatsink and you can easily double the ripple
current capability and assure long life through cooler operation. The broad,
flat top and bottom on the MLP are ideal for cooling the capacitor and
removing the heat caused by ripple current.
Ripple Current Capability
The ripple current capability is set by the maximum permissible internal
core temperature, 88 ºC. This assures that the case does not inflate beyond
0.5 inch height.
Air Cooled
The ripple currents in the ratings tables are for 85 ºC case temperatures.
For air temperatures without a heatsink use the multipliers Ambient
Temperature, No Heatsink.
Heatsink Cooled
Temperature rise from the internal hottest spot, the core, to ambient air is
∆T = I2(ESR)(θcc + θca)
where θcc is the thermal resistance from core to case and θca from case to
ambient. To calculate maximum ripple capability with the MLP attached to
a heatsink use the maximum core temperature and the values for θcc.
Example
As an illustration, suppose you operate an insulated MLP332M080EB1C
in 65 ºC air and attach it to a commercial heatsink with a free-air thermal
resistance of 2.7 ºC/W. Use a good thermal grease between the MLP and
the heatsink, and the total thermal resistance is 2.7 +1.7 or 4.4 ºC/W. The
power which would heat the core to 88 °C is (88-65)/4.4 or 5.2 W. For an
ESR of 31 mΩ,5.2 W equates to a ripple current of 13 A.
Large Sides
Heatsinked
Case Length
1.5"
2.0"
3.0"
Insulation
ºC/W
ºC/W
ºC/W
one
None
2.9
2.1
1.4
Polyester
3.3
2.4
1.6
both
None
2.7
1.9
1.2
Polyester
2.9
2.1
1.3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com