Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSX331M02R-6 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # SPSX331M02R-6
Description  Offered on tape and reel
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SPSX331M02R-6 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  SPSX331M02R-6 Datasheet HTML 1Page - Cornell Dubilier Electronics SPSX331M02R-6 Datasheet HTML 2Page - Cornell Dubilier Electronics SPSX331M02R-6 Datasheet HTML 3Page - Cornell Dubilier Electronics SPSX331M02R-6 Datasheet HTML 4Page - Cornell Dubilier Electronics SPSX331M02R-6 Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SPSX Solid Polymer Aluminum SMT Capacitors
The solid polymer SPSX aluminum capacitor is an
ideal choice for audio/visual equipment, home
appliances, computers, measuring equipment and
industrial robots. Like the SPCX, the SPSX is a compact
component. But SPSX offers a much lower ESR and a
higher ripple current rating than the SPCX. The SPSX
is a green product and RoHS compliant.
Highlights
• A low-profile height of 1.9 mm
• Offered on tape and reel
• Can withstand 260 ºC reflow for 10 s
• 4.5 - 9 mΩ ESR @ 100 kHz
• A great value in a small package
Specifications
–40 ºC to +105 ºC
82 µF to 560 µF
2.0, 2.5, 4.0, 6.3 Vdc
±20 % (120 Hz @ 20 ºC)
Operating Temperature Range:
Capacitance Range:
Operating Working Range:
Capacitance Tolerance:
Surge Voltage:
Rated Ripple Current:
Vdc
2.0
2.5
4.0
6.3
Surge
2.5
3.1
5.0
8.0
See ratings table
Life Test:
Moisture Resistance:
Apply rated voltage at +105 ºC ±2 ºC for 1000 h
* Leakage current: ≤ ratings table values
* Capacitance: ±10% of initial measured value
* DF: ≤ ratings table values
* Appearance: No abnormal change to occur
+60 ºC ±2 ºC @ 90% RH; rated voltage for 500 h
* Leakage current: ≤ rating table values
* Capacitance: +70%, –20% (2V, 2.5V)
+60%, –20% (4V)
+50%, –20% (6.3V)
of initial measured value
* DF: ≤200% of initial specified value
* Appearance: No abnormal change to occur
Shelf Life Test:
+105 ºC ±2 ºC for 500 h
Leakage current: ≤ rating table values
Capacitance: ±10% of initial measured value
DF: ≤ ratings table values
Appearance: No abnormal change to occur
Surge Test:
Test temperature is +15 ºC to +35 ºC in series with
a 1000 Ω resistor with the surge voltage applied for
1000 cycles of 30±5 s (ON) and 5 min 30 s (OFF)
• Leakage current: I≤0.1CV
• Capacitance: ±10% of initial measured value
• DF: ≤ the values in the ratings table
• Appearance: No abnormal change to occur
Vibration:
10 Hz to 2000 Hz to 10 Hz frequency applied one
cycle per 20 min at a total amplitude of 1.5 mm.
Direction and duration of vibration will be 2 h each in
the X,Y and Z planes for total of 6 h with the capacitor
soldered in place.
• Appearance; No abnormal change to occur.
• Capacitance: Measured value to be stabilized
during test, when measured several times
within 30 min before completion of test.
Complies with the EU Directive 2002/95/EC
requirement restricting the use of Lead (Pb),
Mercury (Hg), Cadmium (Cd), Hexavalent chro-
mium (Cr(VI)), PolyBrominated Biphenyls (PBB)
andPolyBrominated Diphenyl Ethers (PBDE).


Similar Part No. - SPSX331M02R-6

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SPSXF001PET ONSEMI-SPSXF001PET Datasheet
130Kb / 6P
Smart Passive Sensor for Indirect Moisture Sensing
March, 2019 ??Rev. 1
SPSXM001FOM ONSEMI-SPSXM001FOM Datasheet
113Kb / 6P
Smart Passive Sensor for Direct Moisture Sensing
March, 2019 ??Rev. 0
SPSXM002PET ONSEMI-SPSXM002PET Datasheet
123Kb / 6P
Smart Passive Sensor for Direct Moisture Sensing
March, 2019 ??Rev. 1
SPSXT001FOM ONSEMI-SPSXT001FOM Datasheet
191Kb / 8P
Smart Passive Sensor for Temperature Sensing
January, 2020 ??Rev. 0
SPSXT001PCB ONSEMI-SPSXT001PCB Datasheet
100Kb / 5P
Smart Passive Sensor for Temperature Sensing
March, 2019 ??Rev. P1
More results

Similar Description - SPSX331M02R-6

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPD-011027 MA-COM-MAPD-011027 Datasheet
720Kb / 4P
Available on tape and reel
MACP-011032 MA-COM-MACP-011032 Datasheet
676Kb / 5P
Available on Tape and Reel
MABA-011016 MA-COM-MABA-011016 Datasheet
665Kb / 5P
Available on tape and reel
MACP-011037 MA-COM-MACP-011037 Datasheet
552Kb / 5P
Available on Tape and Reel
logo
Cornell Dubilier Electr...
SPCX CDE-SPCX Datasheet
664Kb / 5P
Offered on tape and reel
logo
SunLED Corporation
XLCBD12W SUNLED-XLCBD12W Datasheet
231Kb / 3P
Available on tape and reel
XLFBB12W SUNLED-XLFBB12W Datasheet
230Kb / 3P
Available on tape and reel
XLFBB14W SUNLED-XLFBB14W Datasheet
229Kb / 3P
Available on tape and reel
XLM2DG169W SUNLED-XLM2DG169W Datasheet
229Kb / 3P
Available on tape and reel
logo
Keystone Electronics Co...
118TR KEYSTONE-118TR Datasheet
303Kb / 2P
CONTACT ON TAPE AND REEL
6.23.15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com