Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THF106K035P1F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # THF106K035P1F
Description  Hermetically Sealed Axial Lead Solid Tantalum Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

THF106K035P1F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  THF106K035P1F Datasheet HTML 1Page - Cornell Dubilier Electronics THF106K035P1F Datasheet HTML 2Page - Cornell Dubilier Electronics THF106K035P1F Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type THF Solid Tantalum Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature:
DC Leakage:
5.6 µF to 330 µF
6 WVdc to 50 WVdc @ 85 ºC
–55 ºC to +125 ºC ( With proper derating)
±10% (K), ±20% (M)
At +25 ºC - (See Ratings)
At +85 ºC - 10 x Ratings limit
At +125 ºC - 12.5 x Ratings limit
Highlights
♦
High Ripple Current
♦
Low ESR
♦
Lower Impedance at High Frequency
♦
Extremely Stable Capacitance
♦
Long Life
♦
Moisture & Solvent Resistant
♦
Small Size
The Type THF is ideal for use in switching regulators
and high frequency power supplies because of its high
ripple current and low ESR capabilities. It is an axial
lead solid tantalum capacitor constructed with a rugged
hermetically sealed metal case, insulated with an outer
polyester wrap. The THF assures a small case size for
high capacitance, and is extremely stable over the rated
temperature range.
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
D
d
C
+
L
1.50 ±.250
(38.1 ±6.35)
1.50 ±.250
(38.1 ±6.35)
Outline Drawing
Uninsulated
Insulated
Inches (mm)
D
L
D
L
d
Quantity
Case ±.005
±.031
±.010
±.031
C
±.001
Per
Code (±.13)
(±.79)
(±.25)
(±.79) Maximum (±.03)
Reel
F .279(7.09) .650(16.51) .289(7.34) .686(17.42) .822(20.88) .025(.64) 500
G .341(8.66) .750(19.05) .351(8.92) .786(19.96) .922(23.42) .025(.64) 400
THF
157
M
006
P
1
F
Mylar
Case
Type
Capacitance
Tolerance
Voltage
Polar
Sleeve
Code
THF
565 = 5.6 µF
K = ±10%
006 = 6 Vdc
P = Polar
1
F
186 = 18.6 µF
M = ±20%
020 = 20 Vdc
G
157 = 150 µF
050 = 50 Vdc
Part Numbering System


Similar Part No. - THF106K035P1F

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
THF120LS12 XPPOWER-THF120LS12 Datasheet
449Kb / 4P
AC-DC Power Supplies
THF120LS24 XPPOWER-THF120LS24 Datasheet
449Kb / 4P
AC-DC Power Supplies
THF120LS48 XPPOWER-THF120LS48 Datasheet
449Kb / 4P
AC-DC Power Supplies
logo
Cornell Dubilier Electr...
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1G CDE-THF157K006P1G Datasheet
233Kb / 2P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
More results

Similar Description - THF106K035P1F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
150D VISHAY-150D Datasheet
72Kb / 9P
Solid-Electrolyte TANTALEX Capacitors Hermetically-Sealed, Axial-Lead
16-Jan-08
logo
Kemet Corporation
T352F227 KEMET-T352F227 Datasheet
590Kb / 84P
TANTALUM HERMETICALLY SEALED / AXIAL
logo
Cornell Dubilier Electr...
CSR13 CDE-CSR13 Datasheet
636Kb / 7P
Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR21 CDE-CSR21 Datasheet
326Kb / 2P
Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR23 CDE-CSR23 Datasheet
376Kb / 3P
Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A Datasheet
681Kb / 5P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TXA825K006P1A CDE-TXA825K006P1A Datasheet
316Kb / 3P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A_16 Datasheet
139Kb / 6P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAC CDE-TAC Datasheet
233Kb / 4P
Molded, Axial Lead, Solid Tantalum Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com