Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OA1ZHA Datasheet(PDF) 1 Page - STMicroelectronics

Part # OA1ZHA
Description  Fitness and healthcare
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OA1ZHA Datasheet(HTML) 1 Page - STMicroelectronics

  OA1ZHA Datasheet HTML 1Page - STMicroelectronics OA1ZHA Datasheet HTML 2Page - STMicroelectronics OA1ZHA Datasheet HTML 3Page - STMicroelectronics OA1ZHA Datasheet HTML 4Page - STMicroelectronics OA1ZHA Datasheet HTML 5Page - STMicroelectronics OA1ZHA Datasheet HTML 6Page - STMicroelectronics OA1ZHA Datasheet HTML 7Page - STMicroelectronics OA1ZHA Datasheet HTML 8Page - STMicroelectronics OA1ZHA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
June 2016
DocID025994 Rev 2
1/35
This is information on a product in full production.
www.st.com
OA1ZHA, OA2ZHA, OA4ZHA
High precision 5 µV zero drift, low-power op amps
Datasheet - production data
Features
Very high accuracy and stability: offset
voltage 5 µV max at 25 °C, 8 µV over full
temperature range (-40 °C to 125 °C)
Rail-to-rail input and output
Low supply voltage: 1.8 - 5.5 V
Low power consumption: 40 µA max. at 5 V
Gain bandwidth product: 400 kHz
High tolerance to ESD: 4 kV HBM
Extended temperature range: -40 to 125 °C
Micro-packages: SC70-5, DFN8 2x2, and
QFN16 3x3
Benefits
High precision operational amplifiers
(op amps) with no need for calibration
Accuracy virtually unaffected by temperature
change
Applications
Wearable
Fitness and healthcare
Medical instrumentation
Description
The OA1ZHA, OA2ZHA, OA4ZHA series of low-
power, high-precision op amps offers very low
input offset voltages with virtually zero drift.
OA1ZHA, OA2ZHA, OA4ZHA are respectively
the single, dual and quad op amp versions, with
pinout compatible with industry standards.
The OA1ZHA, OA2ZHA, OA4ZHA series offers
rail-to-rail input and output, excellent
speed/power consumption ratio, and 400 kHz
gain bandwidth product, while consuming less
than 40 µA at 5 V. All devices also feature an
ultra-low input bias current.
The OA1ZHA, OA2ZHA, OA4ZHA family is the
ideal choice for wearable, fitness and healthcare
applications.


Similar Part No. - OA1ZHA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OA100 ETC1-OA100 Datasheet
41Kb / 1P
JEDEC DO-7 PACKAGE
OA105KE ETC2-OA105KE Datasheet
124Kb / 1P
Molded insulation for high dielec-tric strength.
logo
ORION FANS
OA109 ORIONFANS-OA109 Datasheet
837Kb / 1P
AC Fan - 115V, 230V, Dual Voltage 120x38mm (4.7?쓝 1.5??
OA109 ORIONFANS-OA109 Datasheet
120Kb / 1P
AC Fan - 115V, 230V, Reverse Airflow 120x38mm (4.7?쓝 1.5??
OA109 ORIONFANS-OA109 Datasheet
113Kb / 1P
AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
More results

Similar Description - OA1ZHA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPBTLE-RF STMICROELECTRONICS-SPBTLE-RF Datasheet
929Kb / 23P
Fitness, wellness and sports
11-Jan-2016
logo
Analog Devices
AD8233 AD-AD8233 Datasheet
772Kb / 30P
Fitness and activity heart rate monitors
Rev. 0
logo
Laird Tech Smart Techno...
S5703BH7SMF LSTD-S5703BH7SMF Datasheet
332Kb / 1P
Healthcare facilities
logo
STMicroelectronics
GG25L STMICROELECTRONICS-GG25L Datasheet
586Kb / 28P
Fitness and healthcare
February 2014 Rev 1
logo
Silicon Laboratories
EFR32MG1X232 SILABS-EFR32MG1X232 Datasheet
1Mb / 80P
Sports and Fitness
logo
Advantech Co., Ltd.
HIT-W222H ADVANTECH-HIT-W222H Datasheet
671Kb / 2P
21.5' Healthcare Information Terminal
logo
Shenzhen Huazhimei Semi...
HM4050B HMSEMI-HM4050B Datasheet
957Kb / 12P
Fitness Accessories
logo
Advantech Co., Ltd.
HIT-W101C ADVANTECH-HIT-W101C_V01 Datasheet
605Kb / 4P
10.1 Healthcare/Hospitality Information Terminal
10-Sep-2021
HIT-507 ADVANTECH-HIT-507 Datasheet
605Kb / 2P
7" Healthcare Information Terminal
3-Jun-2020
HIT-512 ADVANTECH-HIT-512 Datasheet
797Kb / 4P
Innovative 11.6" Healthcare Information Terminal
10-Sep-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com