Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAC224K035P01-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # TAC224K035P01-F
Description  Molded, Axial Lead, Solid Tantalum Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

TAC224K035P01-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  TAC224K035P01-F Datasheet HTML 1Page - Cornell Dubilier Electronics TAC224K035P01-F Datasheet HTML 2Page - Cornell Dubilier Electronics TAC224K035P01-F Datasheet HTML 3Page - Cornell Dubilier Electronics TAC224K035P01-F Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Type TAC Solid Tantalum Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Specifications
Molded, Axial Lead, Solid Tantalum Capacitors
TheTypeTAC molded solid tantalum capacitor is great
for putting a lot of capacitance in a small space in a high
temperature application. The TAC is constructed in a
shock and vibration resistant, flame retardant, rugged,
precision molded case that is tapered on one end for
polarity identification and available on tape and reel.
Highlights
♦
Precision Molded
♦
Flame Retardant
♦
Tapered for Polarity Indentification
♦
Highest CV per Case Size
♦
Miniature Sizes
♦
Highly Resistant to Shock and Vibration
Capacitance Range:
Voltage Range:
Tolerance:
Operating Temperature Range:
Reverse Voltage:
Capacitance Change Maximum:
Reel Packaging per EIA- RS-296:
0.10 µF to 330 µF
6 WVdc to 50 WVdc at 85 ºC
±10% Standard (±5% by special order)
–55 ºC to +125 ºC (with proper derating)
15% of rated voltage @ 25 ºC
5% of rated voltage @ 85 ºC
1% of rated voltage @ 125 ºC
–10% @ –55 ºC
+10% @ +85 ºC
+12% @ +125 ºC
Part Numbering System
Case
Code
Quantity
1
4500 per 12" Reel
2
4000 per 12" Reel
5 & 6 2500 per 12" Reel
7 & 8
500 per 12" Reel
TAC
107
K
006
P
0
8
-F
Molded
Case
RoHS
Type
Capacitance
Tolerance
Voltage
Polar
Case
Code
Compliant
TAC
394 = 0.39 µF
J = ±5%
006 = 6 Vdc
P = Polar
0
1
105 = 1.0 µF
K = ±10% 010 = 10 Vdc
2
225 = 2.2 µF
015 = 15 dc
5
186 = 18 µF
020 = 20 Vdc
6
107 = 100 µF
025 = 25 Vdc
7
035 = 35 Vdc
8
050 = 50 Vdc


Similar Part No. - TAC224K035P01-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TAC225J006P01 CDE-TAC225J006P01 Datasheet
196Kb / 4P
Molded, Axial Leaded Solid Tantalum Capacitors
TAC225J006P02 CDE-TAC225J006P02 Datasheet
196Kb / 4P
Molded, Axial Leaded Solid Tantalum Capacitors
TAC225J006P05 CDE-TAC225J006P05 Datasheet
196Kb / 4P
Molded, Axial Leaded Solid Tantalum Capacitors
TAC225J006P06 CDE-TAC225J006P06 Datasheet
196Kb / 4P
Molded, Axial Leaded Solid Tantalum Capacitors
TAC225J006P07 CDE-TAC225J006P07 Datasheet
196Kb / 4P
Molded, Axial Leaded Solid Tantalum Capacitors
More results

Similar Description - TAC224K035P01-F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
790D VISHAY-790D Datasheet
107Kb / 7P
Resin-Molded, Radial-Lead Solid Tantalum Capacitors
26-Mar-02
logo
Cornell Dubilier Electr...
TAC335K006P01 CDE-TAC335K006P01 Datasheet
196Kb / 4P
Molded, Axial Leaded Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A Datasheet
681Kb / 5P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TIM226006P0X CDE-TIM226006P0X Datasheet
196Kb / 4P
Molded, Radial Lead, Solid Tantalum Capacitors
TXA825K006P1A CDE-TXA825K006P1A Datasheet
316Kb / 3P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
logo
Vishay Siliconix
292D VISHAY-292D Datasheet
122Kb / 8P
Solid Tantalum Chip Capacitors, TANTAMOUNT® Lead Frameless Molded
05-Mar-08
790D106X0025B2BE3 VISHAY-790D106X0025B2BE3 Datasheet
114Kb / 9P
Resin-Molded, Radial-Lead Solid Tantalum Capacitors
18-Jun-12
logo
Cornell Dubilier Electr...
TAS225K006P1A CDE-TAS225K006P1A_16 Datasheet
139Kb / 6P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF CDE-THF Datasheet
204Kb / 3P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com