Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4485EB Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST4485EB
Description  Guaranteed 20 Mbps data rate
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4485EB Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST4485EB Datasheet HTML 2Page - STMicroelectronics ST4485EB Datasheet HTML 3Page - STMicroelectronics ST4485EB Datasheet HTML 4Page - STMicroelectronics ST4485EB Datasheet HTML 5Page - STMicroelectronics ST4485EB Datasheet HTML 6Page - STMicroelectronics ST4485EB Datasheet HTML 7Page - STMicroelectronics ST4485EB Datasheet HTML 8Page - STMicroelectronics ST4485EB Datasheet HTML 9Page - STMicroelectronics ST4485EB Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
ST4485EB
6/18
DocID025158 Rev 2
4
Electrical characteristics
Table 7. Electrical characteristics (VCC = 3 V to 3.6 V, TA = -40 to 105 °C, unless otherwise
specified. Typical values are referred to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
ISUPPLY VCC power supply current No load, DI = 0 V or VCC
DE = VCC,
RE = 0 V or VCC
1.3
2.2
mA
DE = 0 V, RE = 0 V
1.2
1.9
mA
ISHDN
Shutdown supply current
DE = 0 V, RE = VCC, DI = 0 V or VCC
0.002
1
µA
Table 8. Logic input electrical characteristics (VCC = 3 V to 3.6 V, TA = -40 to 105 °C, unless
otherwise specified. Typical values are referred to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
VIL
Input logic threshold low
DE, DI, RE
1.3
0.8
V
VIH
Input logic threshold high
DE, DI, RE
2
V
IIN1
Logic input current
DE, DI, RE
2.0
µA
IIN2
Input current (A, B)
DE = 0 V, VCC = 0 or 3.6 V
VIN = 12 V
1
mA
VIN = -7 V
-0.8
mA
Table 9. Transmitter electrical characteristics (VCC = 3 V to 3.6 V, TA = -40 to 105 °C, unless
otherwise specified. Typical values are referred to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
VOD
Differential drive output
RL= 100  (RS-422) (Figure 1)2
V
RL= 54  (RS-485) (Figure 1)1.5
V
RL= 60  (RS-485) (Figure 2)1.5
V
VOD
Change in magnitude of driver differential
output voltage for complementary output
states (1)
RL= 54  or 100 (Figure 1)0.2
V
VOC
Driver common mode output voltage
RL= 54  or 100 (Figure 1)3
V
VOC
Change in magnitude of driver common
mode output voltage(1)
RL= 54  or 100 (Figure 1)0.2
V
IOSD
Driver short-circuit output current
250 mA
1.
VOD and VOC are the changes in VOD and VOC, respectively, when the DI input changes state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com