Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA311BTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA311BTR
Description  Multichannel digital audio processor with FFXTM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA311BTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA311BTR Datasheet HTML 9Page - STMicroelectronics STA311BTR Datasheet HTML 10Page - STMicroelectronics STA311BTR Datasheet HTML 11Page - STMicroelectronics STA311BTR Datasheet HTML 12Page - STMicroelectronics STA311BTR Datasheet HTML 13Page - STMicroelectronics STA311BTR Datasheet HTML 14Page - STMicroelectronics STA311BTR Datasheet HTML 15Page - STMicroelectronics STA311BTR Datasheet HTML 16Page - STMicroelectronics STA311BTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 102 page
background image
DocID024340 Rev 1
13/102
STA311B
Device overview
102
Master volume override (MVO)
This pin enables the user to bypass the volume control on all channels. When MVO is pulled
high, the master volume register is set to 0x00, which corresponds to its full-scale setting.
The master volume register setting offsets the individual channel volume settings, which
default to 0 dB.
Serial data in (SDI_12, SDI_34, SDI_56, SDI_78)
Audio information enters the device here. Six format choices are available including I²S, left-
justified or right-justified, LSB or MSB first, with word widths of 16, 18, 20 and 24 bits.
RESET
Driving this pin low turns off the outputs and returns all settings to their defaults.
I²C bus
The SA, SDA and SCL pins operate per the Phillips I²C specification. See Section 7: I²C bus
operation on page 23.
36
3.3-V capable TTL 2 mA output buffer
OUT4A
PWM channel 4 output A
37
3.3-V capable TTL 2 mA output buffer
OUT3B
PWM channel 3 output B
38
3.3-V capable TTL 2 mA output buffer
OUT3A
PWM channel 3 output A
41
3.3-V capable TTL 2 mA output buffer
OUT2B
PWM channel 2 output B
42
3.3-V capable TTL 2 mA output buffer
OUT2A
PWM channel 2 output A
43
3.3-V capable TTL 2 mA output buffer
OUT1B
PWM channel 1 output B
44
3.3-V capable TTL 2 mA output buffer
OUT1A
PWM channel 1 output A
45
3.3-V capable TTL 4 mA output buffer
EAPD
External amp power-down
48
3.3-V capable TTL 2 mA output buffer
BICKO
Output serial clock
49
3.3-V capable TTL 2 mA output buffer
LRCKO
Output left/right clock
50
3.3-V capable TTL 2 mA output buffer
SDO_12
Output serial data channels 1&2
51
3.3-V capable TTL 2 mA output buffer
SDO_34
Output serial data channels 3&4
54
3.3-V capable TTL 2 mA bidirectional
buffer
SDO_56
Output serial data channels 5&6
External power bridge fault input
55
3.3-V capable TTL 2mA output buffer
SDO_78
Output serial data channels 7&8
External power bridge tristate signal
(‘0’ = tristate)
56
5-V tolerant TTL Schmitt trigger input
buffer
PWDN
Device power-down
3, 11,21,24,
31, 39, 46, 52
3.3-V digital supply voltage
VDD
3.3-V supply
4, 12, 23, 32,
40, 47, 53
Digital ground
GND
Ground
Table 2. Pin description (continued)
Pin
Type
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com