Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333SML Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA333SML
Description  Automatic zero-detect mute
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333SML Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA333SML Datasheet HTML 9Page - STMicroelectronics STA333SML Datasheet HTML 10Page - STMicroelectronics STA333SML Datasheet HTML 11Page - STMicroelectronics STA333SML Datasheet HTML 12Page - STMicroelectronics STA333SML Datasheet HTML 13Page - STMicroelectronics STA333SML Datasheet HTML 14Page - STMicroelectronics STA333SML Datasheet HTML 15Page - STMicroelectronics STA333SML Datasheet HTML 16Page - STMicroelectronics STA333SML Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
DocID025317 Rev 2
15/17
STA333SML
Package mechanical data
17
4.1
Soldering information
Figure 11. Recommended soldering reflow profile for mounting on PCB
Table 9. Recommended soldering reflow values for mounting on PCB
Profile
Typ.
Max.
Temp. gradient in preheat (T = 70 - 180 °C)
0.9 °C/s
3 °C/s
Temp.gradient (T = 200 - 225 °C)
2 °C/s
3 °C/s
Peak temp. in reflow
240 - 245 °C
260 °C
Time above 220 °C
60 s
90 s
Temp. gradient in cooling
-2 to -3 °C
-6 °C
Time from 50 to 220 °C
160 to 220 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com