Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM5486 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM5486
Description  LED Display Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM5486 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM5486 Datasheet HTML 1Page - National Semiconductor (TI) MM5486 Datasheet HTML 2Page - National Semiconductor (TI) MM5486 Datasheet HTML 3Page - National Semiconductor (TI) MM5486 Datasheet HTML 4Page - National Semiconductor (TI) MM5486 Datasheet HTML 5Page - National Semiconductor (TI) MM5486 Datasheet HTML 6Page - National Semiconductor (TI) MM5486 Datasheet HTML 7Page - National Semiconductor (TI) MM5486 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Voltage at Any Pin
VSS to VSS a12V
Operating Temperature
b
25 Cto a85 C
Storage Temperature
b
65 Cto a150 C
Power Dissipation at 25 C
Molded DIP Package Board Mount
25W
Molded DIP Package Socket Mount
23W
Junction Temperature
a
150 C
Lead Temperature (Soldering 10 seconds)
300 C
Molded DIP Package Board Mount iJA e 49 CW Derate 204 mW C
above 25 C
Molded DIP Package Socket Mount iJA e 54 CW Derate 185 mW C
above 25 C
Electrical Characteristics
TA within operating range VDD e 475V to 110V VSS e 0V unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
Power Supply
475
11
V
IDD
Power Supply Current
Excluding Output Loads
7
mA
Input Voltages
VIL
Logic ‘‘0’’ Level
g
10 mA Input Bias
b
03
08
V
VIH
Logic ‘‘1’’ Level
475 s VDD s 525
22
VDD
V
VDD l 525
VDDb2VDD
V
IBR
Brightness Input (Note 2)
0
075
mA
Output Sink Current (Note 3)
IOH
Segment OFF
VOUT e 30V
10
m
A
IOL
Segment ON
VOUT e 1V (Note 4)
Brightness Input e 0 mA0
10
m
A
Brightness Input e 100 mA
20
27
4
mA
Brightness Input e 750 mA15
25
mA
IO
Maximum Segment Current
40
mA
VIBR
Brightness Input Voltage (Pin 19)
Input Current e 750 mA
30
43
V
OM
Output Matching (Note 1)
g
20
%
Data Output
VOL
Logical ‘‘0’’ Level
IOUT e 05 mA
VSS
04
V
VOH
Logical ‘‘1’’ Level
IOUT e 100 mA
24
VDD
V
Clock Input
(Notes 5 and 6)
fC
Frequency
500
kHz
th
High Time
950
ns
tl
Low Time
950
ns
Data Input
tDS
Set-Up Time
300
ns
tDH
Hold Time
300
ns
Note 1
Output matching is calculated as the percent variation (IMAX aIMIN)2
Note 2
With a fixed resistor on the brightness input pin some variation in brightness will occur from one device to another Maximum brightness input current can
be 2 mA as long as Note 3 and junction temperature equation are complied with
Note 3
Absolute maximum for each output should be limited to 40 mA
Note 4
The VOUT voltage should be regulated by the user See Figures 6 and 7 for allowable VOUT vs IOUT operation
Note 5
AC input waveform specification for test purpose tr s 20 ns tf s 20 ns f e 500 kHz 50% g10% duty cycle
Note 6
Clock input rise and fall times must not exceed 300 ns
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com