Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM5486V Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM5486V
Description  LED Display Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM5486V Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM5486V Datasheet HTML 1Page - National Semiconductor (TI) MM5486V Datasheet HTML 2Page - National Semiconductor (TI) MM5486V Datasheet HTML 3Page - National Semiconductor (TI) MM5486V Datasheet HTML 4Page - National Semiconductor (TI) MM5486V Datasheet HTML 5Page - National Semiconductor (TI) MM5486V Datasheet HTML 6Page - National Semiconductor (TI) MM5486V Datasheet HTML 7Page - National Semiconductor (TI) MM5486V Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF6142
February 1995
MM5486 LED Display Driver
General Description
The MM5486 is a monolithic MOS integrated circuit utilizing
N-channel metal-gate low-threshold enhancement mode
and ion-implanted depletion mode devices It is available in
a 40-pin molded dual-in-line package The MM5486 is de-
signed to drive common anode-separate cathode LED dis-
plays A single pin controls the LED display brightness by
setting a reference current through a variable resistor con-
nected to VDD
Features
Y
Continuous brightness control
Y
Serial data inputoutut
Y
External load input
Y
Cascaded operation capability
Y
Wide power supply operation
Y
TTL compatibility
Y
33 outputs 15 mA sink capability
Y
Alphanumeric capability
Applications
Y
COPSTM or microprocessor displays
Y
Industrial control indicator
Y
Relay driver
Y
Digital clock thermometer counter voltmeter
Y
Instrumentation readouts
Block and Connection Diagrams
TLF6142 – 1
FIGURE 1
TLF6142 – 13
Order Number MM5486V
See NS Package Number V44A
Dual-In-Line Package
TLF6142 – 2
Top View
Order Number MM5486N
See NS Package Number N40A
FIGURE 2
COPSTM is a trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM5486V

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM5480 NSC-MM5480 Datasheet
107Kb / 6P
LED Display Driver
February 1995
MM5480N NSC-MM5480N Datasheet
107Kb / 6P
LED Display Driver
February 1995
MM5481 NSC-MM5481 Datasheet
122Kb / 6P
LED Display Driver
MM5481N NSC-MM5481N Datasheet
122Kb / 6P
LED Display Driver
MM5483 NSC-MM5483 Datasheet
136Kb / 6P
MM5483 Liquid Crystal Display Driver
More results

Similar Description - MM5486V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5480 STMICROELECTRONICS-M5480 Datasheet
97Kb / 6P
LED DISPLAY DRIVER
May-1993
M5481 STMICROELECTRONICS-M5481 Datasheet
76Kb / 8P
LED DISPLAY DRIVER
Apr-2000
M5482 STMICROELECTRONICS-M5482 Datasheet
97Kb / 6P
LED DISPLAY DRIVER
May-1993
logo
National Semiconductor ...
MM5481 NSC-MM5481 Datasheet
122Kb / 6P
LED Display Driver
logo
STMicroelectronics
M5482 STMICROELECTRONICS-M5482_04 Datasheet
131Kb / 10P
LED DISPLAY DRIVER
09-Jun-2004
M5480 STMICROELECTRONICS-M5480_04 Datasheet
112Kb / 10P
LED DISPLAY DRIVER
14-Apr-2004
M5481 STMICROELECTRONICS-M5481_04 Datasheet
162Kb / 10P
LED DISPLAY DRIVER
14-Apr-2004
logo
Silicon Touch Technolog...
ST2225A SITI-ST2225A Datasheet
318Kb / 12P
LED Display Driver
logo
Micrel Semiconductor
MM5450 MICREL-MM5450_11 Datasheet
283Kb / 9P
LED Display Driver
logo
National Semiconductor ...
MM5480 NSC-MM5480 Datasheet
107Kb / 6P
LED Display Driver
February 1995
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com