Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMG2001R2 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MMG2001R2
Description  GALLIUM ARSENIDE CATV INTEGRATED AMPLIFIER MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMG2001R2 Datasheet(HTML) 2 Page - Motorola, Inc

  MMG2001R2 Datasheet HTML 1Page - Motorola, Inc MMG2001R2 Datasheet HTML 2Page - Motorola, Inc MMG2001R2 Datasheet HTML 3Page - Motorola, Inc MMG2001R2 Datasheet HTML 4Page - Motorola, Inc MMG2001R2 Datasheet HTML 5Page - Motorola, Inc MMG2001R2 Datasheet HTML 6Page - Motorola, Inc MMG2001R2 Datasheet HTML 7Page - Motorola, Inc MMG2001R2 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MMG2001R2
2
MOTOROLA RF DEVICE DATA
ESD PROTECTION CHARACTERISTICS
Test Conditions
Class
Human Body Model
1 (minimum)
Machine Model
M1 (minimum)
Charge Device Model
C5 (minimum)
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
RθJC
4.7
°C/W
ELECTRICAL CHARACTERISTICS (VCC = 24 Vdc, TC = +45°C, 75 Ω system unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Frequency Range
BW
40
—
870
MHz
Power Gain
40 MHz
870 MHz
Gp
—
—
19
21
—
—
dB
Slope
40–870 MHz
S
—
0.8
—
dB
Gain Flatness (40–870 MHz, Peak to Valley)
GF
—
0.5
—
dB
Input Return Loss (Zo = 75 Ohms)
f = 40–160 MHz
f = 161–450 MHz
f = 451–870 MHz
IRL
—
—
21
19
22
—
—
—
dB
Output Return Loss (Zo = 75 Ohms)
f = 40–400 MHz
f = 401–870 MHz
ORL
—
—
22
17
—
—
dB
Composite Second Order
(Vout = +48 dBmV/ch., Worst Case)
132–Channel FLAT
(Vout = +48 dBmV/ch., Worst Case)
112–Channel FLAT
(Vout = +48 dBmV/ch., Worst Case)
79–Channel FLAT
(Vout = +56 dBmV @ 870 MHz Equiv)
112–Channel, 12 dB Tilt
(Vout = +56 dBmV @ 870 MHz Equiv)
112–Channel, 13.5 dB Tilt
(Vout = +56 dBmV @ 870 MHz Equiv)
112–Channel, 17 dB Tilt
(Vout = +58 dBmV @ 870 MHz Equiv)
79–Channel, 12 dB Tilt
(Vout = +58 dBmV @ 870 MHz Equiv)
79–Channel, 13.5 dB Tilt
(Vout = +58 dBmV @ 870 MHz Equiv)
79–Channel, 17 dB Tilt
CSO132
CSO112
CSO79
CSO112
CSO112
CSO112
CSO79
CSO79
CSO79
—
—
—
—
—
—
—
—
—
–68
–70
–74
–63
–62
–61
–67
–72
–71
–60
–62
–66
—
—
—
—
—
—
dBc
Cross Modulation Distortion @ Ch 2
(Vout = +48 dBmV/ch., FM = 55 MHz)
132–Channel FLAT
(Vout = +48 dBmV/ch., FM = 55 MHz)
112–Channel FLAT
(Vout = +48 dBmV/ch., FM = 55 MHz)
79–Channel FLAT
(Vout = +56 dBmV @ 870 MHz Equiv)
112–Channel, 12 dB Tilt
(Vout = +56 dBmV @ 870 MHz Equiv)
112–Channel, 13.5 dB Tilt
(Vout = +56 dBmV @ 870 MHz Equiv)
112–Channel, 17 dB Tilt
(Vout = +58 dBmV @ 870 MHz Equiv)
79–Channel, 12 dB Tilt
(Vout = +58 dBmV @ 870 MHz Equiv)
79–Channel, 13.5 dB Tilt
(Vout = +58 dBmV @ 870 MHz Equiv)
79–Channel, 17 dB Tilt
XMD132
XMD112
XMD79
XMD112
XMD112
XMD112
XMD79
XMD79
XMD79
—
—
—
—
—
—
—
—
—
–55
–57
–60
–51
–53
–56
–58
–60
–65
–53
–55
–58
—
—
—
—
—
—
dBc
Composite Triple Beat
(Vout = +48 dBmV/ch., Worst Case)
132–Channel FLAT
(Vout = +48 dBmV/ch., Worst Case)
112–Channel FLAT
(Vout = +48 dBmV/ch., Worst Case)
79–Channel FLAT
(Vout = +56 dBmV @ 870 MHz Equiv)
112–Channel, 12 dB Tilt
(Vout = +56 dBmV @ 870 MHz Equiv)
112–Channel, 13.5 dB Tilt
(Vout = +56 dBmV @ 870 MHz Equiv)
112–Channel, 17 dB Tilt
(Vout = +58 dBmV @ 870 MHz Equiv)
79–Channel, 12 dB Tilt
(Vout = +58 dBmV @ 870 MHz Equiv)
79–Channel, 13.5 dB Tilt
(Vout = +58 dBmV @ 870 MHz Equiv)
79–Channel, 17 dB Tilt
CTB132
CTB112
CTB79
CTB112
CTB112
CTB112
CTB79
CTB79
CTB79
—
—
—
—
—
—
—
—
—
–56
–60
–66
–58
–59
–62
–64
–69
–72
–54
–58
–64
—
—
—
—
—
—
dBc
Noise Figure
50 MHz
550 MHz
750 MHz
870 MHz
NF
—
—
—
—
4.0
4.0
4.0
4.0
4.5
4.5
4.5
4.5
dB
DC Current (VDC = 24 V, TC = 45°C)
IDC
410
425
440
mA
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com