Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD13ASTPUR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STOD13ASTPUR
Description  Synchronous rectification for both DC-DC converters
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13ASTPUR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STOD13ASTPUR Datasheet HTML 7Page - STMicroelectronics STOD13ASTPUR Datasheet HTML 8Page - STMicroelectronics STOD13ASTPUR Datasheet HTML 9Page - STMicroelectronics STOD13ASTPUR Datasheet HTML 10Page - STMicroelectronics STOD13ASTPUR Datasheet HTML 11Page - STMicroelectronics STOD13ASTPUR Datasheet HTML 12Page - STMicroelectronics STOD13ASTPUR Datasheet HTML 13Page - STMicroelectronics STOD13ASTPUR Datasheet HTML 14Page - STMicroelectronics STOD13ASTPUR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
STOD13AS
Typical performance characteristics
Doc ID 022733 Rev 1
11/25
5
Typical performance characteristics
VINA = VINP = 3.7 V, VO2 = -4.9 V, TJ = 25 °C; See Table 1 for external components used in
the tests below.
Figure 4.
Maximum power output vs. input
voltage
Figure 5.
Efficiency vs. output current
Figure 6.
Total system efficiency vs. ILOAD
Figure 7.
Soft-start and inrush current
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
3.25
3.50
3.75
4.00
4.25
4.50
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
4.5
V_IN [V]
Po1,2 MAX
65.0
67.5
70.0
72.5
75.0
77.5
80.0
82.5
85.0
87.5
90.0
520
35
50
65
95
110
125
140
155
170
185200
215230245
260
ILOAD [mA]
3.4 V
3.7 V
3.8 V
4 V
4.2 V
4.5 V
65.0
67.5
70.0
72.5
75.0
77.5
80.0
82.5
85.0
87.5
90.0
5
25
45
65
85
105
125
145
165
185
205
225
245
ILOAD [mA]
Coilcra
LPS4012 at 3.7 V
muRata
LQH3NPN at 3.7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com