Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD30 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STOD30
Description  300 mA triple DC-DC converter for powering AMOLED display
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD30 Datasheet(HTML) 5 Page - STMicroelectronics

  STOD30 Datasheet HTML 1Page - STMicroelectronics STOD30 Datasheet HTML 2Page - STMicroelectronics STOD30 Datasheet HTML 3Page - STMicroelectronics STOD30 Datasheet HTML 4Page - STMicroelectronics STOD30 Datasheet HTML 5Page - STMicroelectronics STOD30 Datasheet HTML 6Page - STMicroelectronics STOD30 Datasheet HTML 7Page - STMicroelectronics STOD30 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DocID025751 Rev 1
5/8
STOD30
Package mechanical data
8
Table 3. QFN18 3.5x3.5x0.55 pitch 0.5 mm mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.51
0.55
0.60
A1
0.00
0.02
0.05
b
0.18
0.25
0.30
D3.50
E3.50
D2
1.99
2.14
2.24
E2
1.99
2.14
2.24
e0.50
L
0.30
0.40
0.50
K0.20
aaa
0.05
bbb
0.10
ccc
0.10
ddd
0.05
eee
0.08



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com