Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD32ATPQR Datasheet(PDF) 2 Page - STMicroelectronics

Part # STOD32ATPQR
Description  300 mA triple DC-DC converter for powering AMOLED displays
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD32ATPQR Datasheet(HTML) 2 Page - STMicroelectronics

  STOD32ATPQR Datasheet HTML 1Page - STMicroelectronics STOD32ATPQR Datasheet HTML 2Page - STMicroelectronics STOD32ATPQR Datasheet HTML 3Page - STMicroelectronics STOD32ATPQR Datasheet HTML 4Page - STMicroelectronics STOD32ATPQR Datasheet HTML 5Page - STMicroelectronics STOD32ATPQR Datasheet HTML 6Page - STMicroelectronics STOD32ATPQR Datasheet HTML 7Page - STMicroelectronics STOD32ATPQR Datasheet HTML 8Page - STMicroelectronics STOD32ATPQR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Application schematic
STOD32A
2/9
DocID026653 Rev 1
1
Application schematic
Figure 1: Application schematic
Table 1: Typical external components
Component
Manufacturer
Value
Size
L1, L2, L3
TOKO
ALPS
COILCRAFT
4.7 μH
2.5x2.0x1.2
2.5x2.0x1.2
4.0x4.0x1.2
CINA, CINP, CO2, CO3
MURATA
SEMCO
22 μF
10 μF
0805
0402
0603



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com