Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD1317B Datasheet(PDF) 14 Page - STMicroelectronics

Part # STOD1317B
Description  Very high efficiency at light load thanks to pulse skipping operation
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD1317B Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STOD1317B Datasheet HTML 10Page - STMicroelectronics STOD1317B Datasheet HTML 11Page - STMicroelectronics STOD1317B Datasheet HTML 12Page - STMicroelectronics STOD1317B Datasheet HTML 13Page - STMicroelectronics STOD1317B Datasheet HTML 14Page - STMicroelectronics STOD1317B Datasheet HTML 15Page - STMicroelectronics STOD1317B Datasheet HTML 16Page - STMicroelectronics STOD1317B Datasheet HTML 17Page - STMicroelectronics STOD1317B Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Application information
STOD1317B
14/22
DocID022607 Rev 2
7
Application information
7.1
External passive components
7.1.1
Inductor selection
The inductor is the key passive component for switching converters.
For the step-up converter an inductance between 3.3 µH and 6.8 µH is recommended.
It is very important to select the right inductor according to the maximum current the inductor
can handle in order to avoid saturation. The peak current for the step-up can be calculated
as:
Equation 1
where
VMID: step-up output voltage, it is fixed internally to VOUT + 0.38 V;
IOUT: output current;
VIN: input voltage of the STOD1317B;
fs: switching frequency. Use the minimum value of 1 MHz for worst case;
: efficiency of the step-up converter (0.80 at maximum load).
7.1.2
Input and output capacitor selection
It is recommended to use ceramic capacitors with low ESR as input and output capacitors in
order to filter any disturbance present in the input line and to obtain stable operation of the
step-up converter and LDO. A minimum real capacitance value of 3 µF must be guaranteed
for CMID and COUT in all conditions.
7.2
Recommended PCB layout
The STOD1317B is a high frequency power switching device so it requires a proper PCB
layout in order to obtain the necessary stability and optimize line/load regulation and output
voltage ripple.
The input capacitor must be as close as possible to the VIN pin.
In order to minimize the ground noise, a common ground node for power ground (PGND)
and a different one for analog ground (GND) must be used. The exposed pad is connected
to PGND through vias.
Grounding is fundamental to the operation of DC-DC converters; run separate ground paths
for critical parts of the circuit (GND and Power GND), each connected back to a single
ground point.
Separate ground lines prevent the current and noise of one component from interfering with
other components. If using a ground plane, utilize “split” plane techniques to give effective
grounding. Use multiple vias to decrease the trace impedance to ground.
L
fs
V
2
)
VIN
V
(
VIN
VIN
I
V
I
MID
MIN
MID
MIN
MIN
OUT
MID
BOOST
PEAK
-
η



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com