Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPA008-QIX Datasheet(PDF) 13 Page - STMicroelectronics

Part # STPA008-QIX
Description  4 x 50 W MOSFET quad bridge power amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA008-QIX Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STPA008-QIX Datasheet HTML 9Page - STMicroelectronics STPA008-QIX Datasheet HTML 10Page - STMicroelectronics STPA008-QIX Datasheet HTML 11Page - STMicroelectronics STPA008-QIX Datasheet HTML 12Page - STMicroelectronics STPA008-QIX Datasheet HTML 13Page - STMicroelectronics STPA008-QIX Datasheet HTML 14Page - STMicroelectronics STPA008-QIX Datasheet HTML 15Page - STMicroelectronics STPA008-QIX Datasheet HTML 16Page - STMicroelectronics STPA008-QIX Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
DocID027887 Rev 2
13/29
STPA008
Electrical specifications
28
3.4
Electrical characteristics curves
Figure 5. Quiescent current vs. supply voltage Figure 6. Output power vs. supply voltage (4 Ω)
Figure 7. Output power vs. supply voltage (2 Ω)
Figure 8. Distortion vs. output power (4 Ω)
Figure 9. Distortion vs. output power (2 Ω)
Figure 10. Distortion vs. frequency (4 Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com