Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7463 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7463
Description  LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7463 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7463 Datasheet HTML 1Page - STMicroelectronics TDA7463 Datasheet HTML 2Page - STMicroelectronics TDA7463 Datasheet HTML 3Page - STMicroelectronics TDA7463 Datasheet HTML 4Page - STMicroelectronics TDA7463 Datasheet HTML 5Page - STMicroelectronics TDA7463 Datasheet HTML 6Page - STMicroelectronics TDA7463 Datasheet HTML 7Page - STMicroelectronics TDA7463 Datasheet HTML 8Page - STMicroelectronics TDA7463 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
TDA7463
2/12
Table 2. Absolute Maximum Ratings
Figure 3. Pin Connection
Table 3. Thermal Data
Table 4. Quick Reference Data
Symbol
Parameter
Value
Unit
VS
Operating Supply Voltage
5
V
Tamb
Operating Ambient Temperature
0 to 70
°C
Tstg
Storage Temperature Range
-55 to 150
°C
Symbol
Parameter
Value
Unit
Rth j-pin
Thermal Resistance Junction-pins
85
°C/W
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply voltage
1.8
2.4
3
V
VCL
Max. input signal handling
0.2
Vrms
THD
Total Harmonic Distortion
V = 0.1Vrms ; f = 1KHz
0.1
%
S/N
Signal to Noise Ratio
Vout = 0.1Vrms (mode = OFF
80
dB
Sc
Channel Separation
f = 1KHz
80
dB
Volume control
(1dB step)
-63
0
dB
-10dB damping
-10
0
dB
-14dB
0
14
dB
Treble Control
0
8
dB
Bass Control
0
14
dB
mute attenuation
100
8
dB
VS
IN-L
TREBLE-L
BASSI-L
BASSO-L
SDA
OUT-L
SCL
1
3
2
4
5
6
7
8
GND
CREF
BASSO-R
OUT-R
BASSI-R
TREBLE-R
IN-R
ALC
16
15
14
13
12
10
11
9
D96AU484



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com