Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7611AE Datasheet(PDF) 5 Page - Exar Corporation

Part # MP7611AE
Description  Octal 14-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address UP Control Logic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7611AE Datasheet(HTML) 5 Page - Exar Corporation

  MP7611AE Datasheet HTML 1Page - Exar Corporation MP7611AE Datasheet HTML 2Page - Exar Corporation MP7611AE Datasheet HTML 3Page - Exar Corporation MP7611AE Datasheet HTML 4Page - Exar Corporation MP7611AE Datasheet HTML 5Page - Exar Corporation MP7611AE Datasheet HTML 6Page - Exar Corporation MP7611AE Datasheet HTML 7Page - Exar Corporation MP7611AE Datasheet HTML 8Page - Exar Corporation MP7611AE Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MP7611
Rev. 3.01
5
25
°C
Tmin to Tmax
ELECTRICAL CHARACTERISTICS (CONT’D)
Parameter
Symbol
Min
Typ
Max
Min
Max
Units
Test Conditions/Comments
DYNAMIC PERFORMANCE
Voltage Settling from LD
tsd
30
50
50
ms
ZS to FS (20 V Step)
to VDAC Out1
5k, 50pF load
Channel-to-Channel Crosstalk6
CT
0.04
LSB
DC
Digital Feedthrough1, 6
Q
--70
dB
CLK and Data to VOUTi
Power Supply Rejection Ratio
PSRR
5
ppm/%
DVEE & DVCC = +5%, ppm of FS
REFERENCE INPUTS
Impedance of VREF
REF
350
700
1.05k
350
1.05k
W
See Application Hints for driving
the reference input
VREF Voltage1, 2
VREF
3.5
6
V
DIGITAL INPUTS3
Logic High
VIH
2.4
V
Logic Low
VIL
0.8
V
Input Current
IL
+10
mA
Input Capacitance1
CL
8
pF
ANALOG OUTPUTS
Output Swing
--VEE +1.4 VCC --1.4
V
Output Drive Current
--5
5
mA
VREFN Output Drive Current
--10
+10
mA
For test purposes only
Output Impedance
RO
1
W
Output Short Circuit Current
ISC
25
mA
+FS to AGND
30
mA
+FS to VEE
40
mA
--FS to AGND
55
mA
--FS to VCC
DIGITAL OUTPUTS
Output High Voltage
VOH
4.5
V
Output Low Voltage
VOL
0.5
V
POWER SUPPLIES
VCC Voltage5
VCC
VREF+1.5 12
12.75
VREF+1.5 12.75 V
VEE Voltage5
VEE --12.75
--12
--5
--12.75
--5
V
DVDD Voltage
DVDD
4.5
5
5.5
4.5
5.5
V
Positive Supply Current
ICC
8
10
10
mA
Bipolar zero
Negative Supply Current
IEE
15
20
20
mA
Bipolar zero
Digital Supply Current
IDD
2
2
mA
Bipolar zero
Power Dissipation
PDISS
320
420
450
mW
Bipolar zero
ANALOG GROUND CURRENT
Per Channel1
IAGND
±60
mA
See Application Notes
DIGITAL TIMING
SPECIFICATIONS1,4
VIL = 0 V, VIH = 5 V, CL = 20 pF
Data Setup Time
tDS
20
ns
Data Hold Time
tDH
20
ns
Address Set-up Time
tAS
100
ns
Address Hold Time
tAH
0
ns
Chip Select to LD1 Set-up Time
tCS1
6
ns
Chip Select to LD1 Hold Time
tCH1
0
ns
LD1 Pulse Width
tLD1W
50
ns
LD1 Negative Edge to LD2
tLD1LD2
60
ns
Positive Edge
LD2 Pulse Width
tLD2W
60
ns
Chip Select to RD Set-Up Time
tCS2
6
ns
Chip Select to RD Hold Time
tCH2
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com