Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7626 Datasheet(PDF) 4 Page - Exar Corporation

Part # MP7626
Description  Microprocessor Compatible Buffered Multiplying 16-Bit Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7626 Datasheet(HTML) 4 Page - Exar Corporation

  MP7626 Datasheet HTML 1Page - Exar Corporation MP7626 Datasheet HTML 2Page - Exar Corporation MP7626 Datasheet HTML 3Page - Exar Corporation MP7626 Datasheet HTML 4Page - Exar Corporation MP7626 Datasheet HTML 5Page - Exar Corporation MP7626 Datasheet HTML 6Page - Exar Corporation MP7626 Datasheet HTML 7Page - Exar Corporation MP7626 Datasheet HTML 8Page - Exar Corporation MP7626 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP7626
4
Rev. 2.00
25
°C
NOTES:
Specifications are subject to change without notice
ELECTRICAL CHARACTERISTICS (CON’T)
Tmin to Tmax
Parameter
Symbol
Min
Typ
Max
Min
Max
Units
Test Conditions/Comments
SWITCHING
CHARACTERISTICS2, 4
Data Valid to Write Set-Up Time
tDS
250
ns
Write Strobe Width
tSW
125
ns
1
Full Scale Range (FSR) is 10V for unipolar mode.
2
Guaranteed but not production tested.
3
Digital input levels should not go below ground or exceed the positive supply voltage, otherwise damage may occur.
4
See timing diagram.
5
Specified values guarantee functionality. Refer to other parameters for accuracy.
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C unless otherwise noted)1, 2
Supply Voltage
+17 VDC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage at Any Digital Input
GND –0.5 to VDD +0.5 V
. . . . .
DC Voltage Applied to IOUT1 or IOUT2
GND –0.5 to +17 V
. .
Voltage at VREF, RFB Inputs
+25 V
. . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range
–65
°C to 150°C
. . . . . . . . . . . .
Package Power Dissipation Rating to 75
°C
CDIP, PDIP, PLCC
1050mW
. . . . . . . . . . . . . . . . . . . . . . .
Derates above 75
°C
14mW/
°C
. . . . . . . . . . . . . . . . . . . . .
NOTES:
1
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress rating only and functional operation at or above this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
2
Any input pin which can see a value outside the absolute maximum ratings should be protected by Schottky diode clamps
(HP5082-2835) from input pin to the supplies.
All inputs have protection diodes which will protect the device from short
transients outside the supplies of less than 100mA for less than 100
µs.
APPLICATION NOTES
Refer to Applications Section for Additional Information
LATCH CONTROL
MSB
LATCH
LSB
LATCH
FUNCTION
0
0
Data Latched (Held)
1
0
Transfer (DB15-DB8) to DAC
0
1
Transfer (DB7-DB0) to DAC
1
1
Transparent Mode
Data Changing
Data Stable
DATA
LATCH
OUTPUT
tS
tDS
tSW
TIMING DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com