Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R710FZ2T6 Datasheet(PDF) 30 Page - STMicroelectronics

Part # R710FZ2T6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R710FZ2T6 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button R710FZ2T6 Datasheet HTML 26Page - STMicroelectronics R710FZ2T6 Datasheet HTML 27Page - STMicroelectronics R710FZ2T6 Datasheet HTML 28Page - STMicroelectronics R710FZ2T6 Datasheet HTML 29Page - STMicroelectronics R710FZ2T6 Datasheet HTML 30Page - STMicroelectronics R710FZ2T6 Datasheet HTML 31Page - STMicroelectronics R710FZ2T6 Datasheet HTML 32Page - STMicroelectronics R710FZ2T6 Datasheet HTML 33Page - STMicroelectronics R710FZ2T6 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 80 page
background image
System architecture
STR71xFxx STR710RZ
30/80
Doc ID 10350 Rev 13
3.6
I/O port configuration
Legend:
AIN: Analog Input
CMOS: CMOS Input levels
IPUPD: Input Pull Up /Pull Down
TTL: TTL Input levels
N.A.: not applicable. In Output mode, a read access to the port gets the output latch value.
Table 6.
Port bit configuration table
Configuration mode
Input
buffer
PxD
register
PxC2
register
PxC1
register
PxC0
register
Read
access
Write
access
INPUT
TTL Input Floating
TTL floating
I/O pin
don’t care
0
0
1
CMOS Input Floating
CMOS floating
I/O pin
don’t care
0
1
0
CMOS Input Pull-Down
(IPUPD)
CMOS Pull-
Down
I/O pin
0
0
1
1
CMOS Input Pull-Up (IPUPD)
CMOS
Pull-Up
I/O pin
1
0
1
1
Analog input
AIN
0
don’t care
0
0
0
OUTPUT
Output Open-Drain
N.A.
I/O pin
0 or 1
1
0
0
Output Push-Pull
N.A.
last value
written
0 or 1
1
0
1
Alternate Function Open-Drain CMOS floating
I/O pin
don’t care
1
1
0
Alternate Function Push-Pull
CMOS floating
I/O pin
don’t care
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com