Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C11607 Datasheet(PDF) 1 Page - Cree, Inc

Part # C11607
Description  Anna series
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C11607 Datasheet(HTML) 1 Page - Cree, Inc

  C11607 Datasheet HTML 1Page - Cree, Inc C11607 Datasheet HTML 2Page - Cree, Inc C11607 Datasheet HTML 3Page - Cree, Inc C11607 Datasheet HTML 4Page - Cree, Inc C11607 Datasheet HTML 5Page - Cree, Inc C11607 Datasheet HTML 6Page - Cree, Inc C11607 Datasheet HTML 7Page - Cree, Inc C11607 Datasheet HTML 8Page - Cree, Inc C11607 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
PRODUCT DATASHEET
Anna series
last update 3/3/2014
DETAILS
Product Number
C11607_ANNA-50-3-M
Family
Anna
Type
Lens array
Color
clear
Diameter
50 mm
Height
10,7 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
glue, pin
Status
production ready
ROHS Comliant
Yes
Date Updated
3/03/2014
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-G
25 deg
Medium
91 %
3.600
-
XP-E
19 deg
Medium
90 %
5.200
-
XB-D
22 deg
Medium
87 %
3.450
-
LUXEON Rebel
18 deg
Medium
87 %
5.000
-
LUXEON Rebel ES
27 deg
Medium
87 %
2.300
-
LUXEON A
26 deg
Medium
84 %
2.840
-
NCSxx19A
23 deg
Medium
89 %
3.200
-
NVSxx19A
25 deg
Medium
89 %
2.900
-
NF2x757A
20 deg
Medium
90 %
4.080
-
Oslon SSL 80
20 deg
Medium
88 %
4.200
-
Oslon SSL 150
22 deg
Medium
89 %
4.000
-
Z5
sim: 23
Medium
-
-
-
Double Dome (GM2BB)
sim: 24
Medium
-
-
-
June 5th 2017 8:58 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C11607

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C11607 LEDIL-C11607 Datasheet
1Mb / 7P
~20째 medium beam with 3 optics
More results

Similar Description - C11607

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C13412 CREE-C13412 Datasheet
156Kb / 3P
Anna series
C11613 CREE-C11613 Datasheet
1Mb / 18P
Anna series
C11682 CREE-C11682 Datasheet
1Mb / 16P
Anna series
C11714 CREE-C11714 Datasheet
364Kb / 6P
Anna series
C11794 CREE-C11794 Datasheet
1Mb / 20P
Anna series
C11801 CREE-C11801 Datasheet
1Mb / 15P
Anna series
C11812 CREE-C11812 Datasheet
1Mb / 20P
Anna series
C13484 CREE-C13484 Datasheet
416Kb / 9P
Anna series
C11793 CREE-C11793 Datasheet
1Mb / 19P
Anna series
C11606 CREE-C11606 Datasheet
1Mb / 17P
Anna series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com