Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0RHC Datasheet(PDF) 3 Page - MagnaChip Semiconductor.

Part # 0RHC
Description  600V 0.36(ohm) N-channel MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

0RHC Datasheet(HTML) 3 Page - MagnaChip Semiconductor.

  0RHC Datasheet HTML 1Page - MagnaChip Semiconductor. 0RHC Datasheet HTML 2Page - MagnaChip Semiconductor. 0RHC Datasheet HTML 3Page - MagnaChip Semiconductor. 0RHC Datasheet HTML 4Page - MagnaChip Semiconductor. 0RHC Datasheet HTML 5Page - MagnaChip Semiconductor. 0RHC Datasheet HTML 6Page - MagnaChip Semiconductor. 0RHC Datasheet HTML 7Page - MagnaChip Semiconductor. 0RHC Datasheet HTML 8Page - MagnaChip Semiconductor. 0RHC Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MMF60R360P Datasheet
Nov. 2014 Revision 1.2
MagnaChip Semiconductor Ltd.
3
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Drain
– Source
Breakdown voltage
V(BR)DSS
600
-
-
V
VGS = 0V,
ID=0.25mA
Gate Threshold Voltage
VGS(th)
2
3
4
V
VDS = VGS, ID=0.25mA
Zero Gate Voltage
Drain Current
IDSS
-
-
1
μA
VDS = 600V,
VGS = 0V
Gate Leakage Current
IGSS
-
-
100
nA
VGS = ±30V,
VDS =0V
Drain-Source On
State Resistance
RDS(ON)
-
0.32
0.36
Ω
VGS = 10V, ID = 3.8 A
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Input Capacitance
Ciss
-
890
-
pF
VDS = 25V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
670
-
Reverse Transfer Capacitance
Crss
-
40
-
Effective Output Capacitance
Energy Related
(4)
Co(er)
-
26
-
VDS = 0V to 480V,
VGS = 0V,f = 1.0MHz
Turn On Delay Time
td(on)
-
18
-
ns
VGS = 10V, RG = 25Ω,
VDS = 300V, ID = 11A
Rise Time
tr
-
40
-
Turn Off Delay Time
td(off)
-
80
-
Fall Time
tf
-
30
-
Total Gate Charge
Qg
-
28
-
nC
VGS = 10V, VDS = 480V,
ID = 11A
Gate
– Source Charge
Qgs
-
7
-
Gate
– Drain Charge
Qgd
-
10
-
Gate Resistance
RG
-
3.5
-
Ω
VGS = 0V, f = 1.0MHz
4) Co(er) is a capacitance that gives the same stored energy as COSS while VDS is rising from 0V to 80% V(BR)DSS
 Static Characteristics (T
c=25℃ unless otherwise specified)
 Dynamic Characteristics (T
c=25℃ unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com