Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND256-A Datasheet(PDF) 23 Page - STMicroelectronics

Part # NAND256-A
Description  128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND256-A Datasheet(HTML) 23 Page - STMicroelectronics

Back Button NAND256-A Datasheet HTML 19Page - STMicroelectronics NAND256-A Datasheet HTML 20Page - STMicroelectronics NAND256-A Datasheet HTML 21Page - STMicroelectronics NAND256-A Datasheet HTML 22Page - STMicroelectronics NAND256-A Datasheet HTML 23Page - STMicroelectronics NAND256-A Datasheet HTML 24Page - STMicroelectronics NAND256-A Datasheet HTML 25Page - STMicroelectronics NAND256-A Datasheet HTML 26Page - STMicroelectronics NAND256-A Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
23/57
NAND128-A, NAND256-A, NAND512-A, NAND01G-A
Figure 13. Read (A,B,C) Operations
Figure 14. Read Block Diagrams
Note: 1. Highest address depends on device density.
CL
E
W
AL
R
I/O
RB
00h/
01h/ 50h
ai07595
Busy
Command
Code
Address Input
Data Output (sequentially)
tBLBH1
(read)
AI07596
A0-A7
A9-A26(1)
Area A
(1st half Page)
Read A Command, X8 Devices
Area B
(2nd half Page)
Area C
(Spare)
Area A
(main area)
Area C
(Spare)
A0-A7
Read A Command, X16 Devices
A0-A7
Read B Command, X8 Devices
Area A
(1st half Page)
Area B
(2nd half Page)
Area C
(Spare)
A0-A3 (x8)
A0-A2 (x16)
Read C Command, X8/x16 Devices
Area A
Area A/ B
Area C
(Spare)
A9-A26(1)
A9-A26(1)
A9-A26(1)
A4-A7 (x8), A3-A7 (x16) are don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com