Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVB Datasheet(PDF) 1 Page - C&K Components

Part # PVB
Description  SMD soldering process
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PVB Datasheet(HTML) 1 Page - C&K Components

  PVB Datasheet HTML 1Page - C&K Components PVB Datasheet HTML 2Page - C&K Components PVB Datasheet HTML 3Page - C&K Components PVB Datasheet HTML 4Page - C&K Components PVB Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D
D–18
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
PVB
Low Profile SMT Push Switches
Mechanical Function
OA
Momentary
EE
Push-push
Termination
NS
Non-shorting
Series
PVB4
SPDT
PVB6
DPDT - SMT terminations
PVB6THT DPDT - THT terminations
V
P
B
3
0
0
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box. Some of the configurations may not be available
or could require some development.
Features/Benefits
• Compact design
• Adapted for medium
power applications
• SMD soldering process
• Tape & reel packaging
• RoHS compliant and
compatible
Typical Applications
• Automotive (air conditioning, lighting)
• Industrial
• Control panels
Construction
FUNCTION: Momentary, Push-Push
CONTACT ARRANGEMENT: SPDT (PVB4); DPDT (PVB6)
SWITCHING MODE:
Non-shorting
TERMINALS: G termination
PC Pins for THT version
Mechanical
TOTAL TRAVEL / LATCHING TRAVEL:
OA: 2,3 mm
EE: 2,3 / 1,5 mm
OPERATING FORCE: 3N
Process
SOLDERING:
Compatible with lead free soldering process
Packaging
PVB4 - 150 pieces
PVB6 - 200 pieces per reel for SMT version
PVB6 - 600 pieces per box for THT version
Operating Force
300
3N
L
F
S
N
S
Electrical
SWITCHING POWER MAX.: PVB4: 1,4 W DC ; PVB6: 2,8 W DC
SWITCHING VOLTAGE MAX.: 14 V DC
SWITCHING CURRENT MAX.: PVB41: 100 mA DC; PVB6: 200 mA DC
DIELECTRIC STRENGTH (50 Hz / 1 min): 500 V between open contacts
OPERATING LIFE:
PVB4 / PVB6
OA (momentary):
≥ 100,000 cycles
EE (push-push):
≥ 100,000 cycles
CONTACT RESISTANCE: Initial
≤ 150 mΩ
INSULATION RESISTANCE:
≥ 108 Ω(100 VDC - 60s)
Environmental
OPERATING TEMPERATURE: -40˚C to 80˚C
LFS ROHS compliant and
compatible. Silver plated


Similar Part No. - PVB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PVB2VBV ETC1-PVB2VBV Datasheet
48Kb / 2P
6 Pad Leadless Surface Mount or 4 Lead Thru-Hole PECL Voltage Controlled Xtal Oscillator
PVB2VBW ETC1-PVB2VBW Datasheet
48Kb / 2P
6 Pad Leadless Surface Mount or 4 Lead Thru-Hole PECL Voltage Controlled Xtal Oscillator
PVB2VFV ETC1-PVB2VFV Datasheet
48Kb / 2P
6 Pad Leadless Surface Mount or 4 Lead Thru-Hole PECL Voltage Controlled Xtal Oscillator
PVB2VFW ETC1-PVB2VFW Datasheet
48Kb / 2P
6 Pad Leadless Surface Mount or 4 Lead Thru-Hole PECL Voltage Controlled Xtal Oscillator
PVB2WBV ETC1-PVB2WBV Datasheet
48Kb / 2P
6 Pad Leadless Surface Mount or 4 Lead Thru-Hole PECL Voltage Controlled Xtal Oscillator
More results

Similar Description - PVB

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLC2835D-YDNW2 P-TEC-PLC2835D-YDNW2 Datasheet
2Mb / 16P
Compatible lead-free reflow soldering process
PLC2835C-YDCW2 P-TEC-PLC2835C-YDCW2 Datasheet
2Mb / 17P
Compatible lead-free reflow soldering process
PLC2835C-YDCW3 P-TEC-PLC2835C-YDCW3 Datasheet
2Mb / 17P
Compatible lead-free reflow soldering process
PLC2835C-YDNW2 P-TEC-PLC2835C-YDNW2 Datasheet
2Mb / 16P
Compatible lead-free reflow soldering process
PLC2835D-YDCW2 P-TEC-PLC2835D-YDCW2 Datasheet
2Mb / 17P
Compatible lead-free reflow soldering process
PLC2835A-YDCW3 P-TEC-PLC2835A-YDCW3 Datasheet
1Mb / 17P
Compatible lead-free reflow soldering process
PLC2835A-YDNW1 P-TEC-PLC2835A-YDNW1 Datasheet
1Mb / 16P
Compatible lead-free reflow soldering process
PLC2835A-YDNW2 P-TEC-PLC2835A-YDNW2 Datasheet
1Mb / 16P
Compatible lead-free reflow soldering process
PLC2835A-YDNW3 P-TEC-PLC2835A-YDNW3 Datasheet
1Mb / 16P
Compatible lead-free reflow soldering process
PLC2835B-YDWW2 P-TEC-PLC2835B-YDWW2 Datasheet
2Mb / 18P
Compatible lead-free reflow soldering process
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com