Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSL05-008SC6 Datasheet(PDF) 2 Page - STMicroelectronics

Part # DSL05-008SC6
Description  Secondary protection for VDSL2 and G.FAST lines
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSL05-008SC6 Datasheet(HTML) 2 Page - STMicroelectronics

  DSL05-008SC6 Datasheet HTML 1Page - STMicroelectronics DSL05-008SC6 Datasheet HTML 2Page - STMicroelectronics DSL05-008SC6 Datasheet HTML 3Page - STMicroelectronics DSL05-008SC6 Datasheet HTML 4Page - STMicroelectronics DSL05-008SC6 Datasheet HTML 5Page - STMicroelectronics DSL05-008SC6 Datasheet HTML 6Page - STMicroelectronics DSL05-008SC6 Datasheet HTML 7Page - STMicroelectronics DSL05-008SC6 Datasheet HTML 8Page - STMicroelectronics DSL05-008SC6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
DSL05
2/10
DocID029116 Rev 2
1
Characteristics
Table 2: Absolute ratings (Tamb = -40 to 85 °C)
Symbol
Parameter
Value
Unit
Ipp
Peak pulse current
8/20μs
30
A
dl/dt
Critical rate of on-state current rise
1000
A/µs
Tstg
Storage junction temperature range
-55 to +150
°C
Tj
Maximum operating junction temperature
TL
Maximum temperature for soldering during 10 s
260
°C
Table 3: Electrical characteristics (Tamb = 25 °C, pin 1 to pin 3)
Order code
IRM at VRM
VBR at 1 mA
VBO
IH
C(1)
ΔC(2)
Typ.
Max.
Typ.
Max.
Min.
Max.
Typ.
Max.
Typ.
Tamb = 85 °C
nA
V
V
V
mA
pF
pF
DSL05-008SC6
3
100
10
200
8
9.5
15
50
1.5
0.25
DSL05-012SC6
3
100
10
200
12
12.8
18
50
1.5
0.25
DSL05-024SC6
0.1
50
7
100
24
25.5
31
50
1.5
0.25
Notes:
(1)Test conditions: VR = 2 V bias, VRMS = 1 V, f = 1 MHz
(2)Measured between 1 V and VRM
Figure 2: Electrical characteristics definitions



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com