Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSL05-024SC6 Datasheet(PDF) 9 Page - STMicroelectronics

Part # DSL05-024SC6
Description  Secondary protection for VDSL2 and G.FAST lines
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSL05-024SC6 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button DSL05-024SC6 Datasheet HTML 2Page - STMicroelectronics DSL05-024SC6 Datasheet HTML 3Page - STMicroelectronics DSL05-024SC6 Datasheet HTML 4Page - STMicroelectronics DSL05-024SC6 Datasheet HTML 5Page - STMicroelectronics DSL05-024SC6 Datasheet HTML 6Page - STMicroelectronics DSL05-024SC6 Datasheet HTML 7Page - STMicroelectronics DSL05-024SC6 Datasheet HTML 8Page - STMicroelectronics DSL05-024SC6 Datasheet HTML 9Page - STMicroelectronics DSL05-024SC6 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DSL05
Ordering information
DocID029116 Rev 2
9/10
4
Ordering information
Figure 19: Ordering information scheme
Table 6: Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
DSL05-008SC6
D508
SOT23-6L
14 g
3000
Tape and reel
DSL05-012SC6
D512
DSL05-024SC6
D524
5
Revision history
Table 7: Document revision history
Date
Revision
Changes
05-Jul-2016
1
Initial release.
03-Oct-2016
2
Updated Table 3: "Electrical characteristics (Tamb = 25 °C,
pin 1 to pin 3)".
DSL 0x -
vvv SC6
DSL protection
Version
Stand-off voltage
Package
024 = 24 V
SC6 = SOT23-6L



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com