Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA12-1K Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDA12-1K
Description  EOS and ESD Transil™ protection for charger and battery port
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA12-1K Datasheet(HTML) 2 Page - STMicroelectronics

  ESDA12-1K Datasheet HTML 1Page - STMicroelectronics ESDA12-1K Datasheet HTML 2Page - STMicroelectronics ESDA12-1K Datasheet HTML 3Page - STMicroelectronics ESDA12-1K Datasheet HTML 4Page - STMicroelectronics ESDA12-1K Datasheet HTML 5Page - STMicroelectronics ESDA12-1K Datasheet HTML 6Page - STMicroelectronics ESDA12-1K Datasheet HTML 7Page - STMicroelectronics ESDA12-1K Datasheet HTML 8Page - STMicroelectronics ESDA12-1K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
ESDA-1K
2/10
Doc ID 17883 Rev 1
1
Characteristics
0
Figure 2.
Electrical characteristics (definitions)
Table 1.
Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage
IEC 61000-4-2 air discharge
IEC 61000-4-2 contact discharge
30
30
kV
Tj
Operating Junction temperature rage
-40 to +150
°C
Tstg
Storage temperature range
-65 to +150
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
Table 2.
Absolute maximum ratings (tamb = 25 °C) - product specific parameters
Order code
IPP (A) peak pulse current (8/20 µs) PPP (W) peak pulse power (8/20 µs)
ESDA12-1K
16
450
ESDA18-1K
12
400
Table 3.
Electrical characteristics (values, Tamb = 25 °C)
Order code
VBR @ IR
IRM @ VRM
VCL@ IPP (8/20 µs)
Cline
(1)
1.
VR = 0 V, Fosc = 1 MHz, Vosc = 30 mV
Min.
Typ.
Max.
Max.
Max.
Max.
VV
mA
µA
V
V
A
V
A
pF
ESDA12-1K
12
13
1
0.5
10
16.5
1
28
16
150
ESDA18-1K
18
19
1
0.5
15
24
1
34
12
105
Symbol
Parameter



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com