Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10922 Datasheet(PDF) 1 Page - Cree, Inc

Part # C10922
Description  Gt4 series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C10922 Datasheet(HTML) 1 Page - Cree, Inc

  C10922 Datasheet HTML 1Page - Cree, Inc C10922 Datasheet HTML 2Page - Cree, Inc C10922 Datasheet HTML 3Page - Cree, Inc C10922 Datasheet HTML 4Page - Cree, Inc C10922 Datasheet HTML 5Page - Cree, Inc C10922 Datasheet HTML 6Page - Cree, Inc C10922 Datasheet HTML 7Page - Cree, Inc C10922 Datasheet HTML 8Page - Cree, Inc C10922 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT DATASHEET
Gt4 series
last update 8/3/2014
DETAILS
Product Number
C10922_GT4-M
Family
Gt4
Type
Lens array
Color
clear
Diameter
35 mm
Height
9 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
pin, glue
Status
production ready
ROHS Comliant
Yes
Date Updated
8/03/2014
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-E
27 deg
Medium
86 %
2.530
-
XP-G
33 deg
Medium
85 %
1.870
-
XB-D
25 deg
Medium
92 %
2.780
-
LUXEON Rebel ES
31 deg
Medium
86 %
2.090
-
LUXEON A
32 deg
Medium
-
-
-
Oslon SSL 80
29 deg
Medium
87 %
2.100
-
Oslon SSL 150
24 deg
Medium
89 %
3.500
-
Synios P2720 1/4 mm
sim: 27
Medium
sim: 94 % sim: 3.160 -
Z5
sim: 26
Medium
-
-
-
Double Dome (GM2BB)
30 deg
Medium
-
-
-
June 7th 2017 4:58 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C10922

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C10922 LEDIL-C10922 Datasheet
1Mb / 6P
~30째 medium beam
More results

Similar Description - C10922

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Cree, Inc
C10921 CREE-C10921 Datasheet
919Kb / 13P
Gt4 series
C10923 CREE-C10923 Datasheet
477Kb / 7P
Gt4 series
C10975 CREE-C10975 Datasheet
97Kb / 2P
Gt4 series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com