Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10975 Datasheet(PDF) 1 Page - Cree, Inc

Part # C10975
Description  Gt4 series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C10975 Datasheet(HTML) 1 Page - Cree, Inc

  C10975 Datasheet HTML 1Page - Cree, Inc C10975 Datasheet HTML 2Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT DATASHEET
Gt4 series
last update 26/3/2012
DETAILS
Product Number
C10975_GT4-WW
Family
Gt4
Type
Lens array
Color
clear
Diameter
35 mm
Height
9 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
pin, glue
Status
production ready
ROHS Comliant
Yes
Date Updated
26/03/2012
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-E
56 deg
Very Wide
91 %
1.010
-
XP-G
59 deg
Very Wide
90 %
0.840
-
XB-D
52 deg
Very Wide
90 %
0.930
-
LUXEON Rebel ES
38 deg
Very Wide
91 %
1.330
-
LUXEON A
53 deg
Very Wide
-
-
-
Oslon SSL 150
44 deg
Very Wide
89 %
1.170
-
Oslon SSL 80
46 deg
Very Wide
89 %
1.100
-
Z5
sim: 52
Very Wide
-
-
-
Double Dome (GM2BB)
56 deg
Very Wide
-
-
-
June 7th 2017 4:59 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C10975

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C10975 LEDIL-C10975 Datasheet
1Mb / 6P
~55째 wide beam
More results

Similar Description - C10975

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Cree, Inc
C10921 CREE-C10921 Datasheet
919Kb / 13P
Gt4 series
C10922 CREE-C10922 Datasheet
640Kb / 9P
Gt4 series
C10923 CREE-C10923 Datasheet
477Kb / 7P
Gt4 series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com