Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA10932 Datasheet(PDF) 7 Page - Cree, Inc

Part # CA10932
Description  Flare series
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CA10932 Datasheet(HTML) 7 Page - Cree, Inc

Back Button CA10932 Datasheet HTML 3Page - Cree, Inc CA10932 Datasheet HTML 4Page - Cree, Inc CA10932 Datasheet HTML 5Page - Cree, Inc CA10932 Datasheet HTML 6Page - Cree, Inc CA10932 Datasheet HTML 7Page - Cree, Inc CA10932 Datasheet HTML 8Page - Cree, Inc CA10932 Datasheet HTML 9Page - Cree, Inc CA10932 Datasheet HTML 10Page - Cree, Inc CA10932 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
MATERIALS
Lens: PMMA
Tape: PU Foam
Part no.s:
CA10932_Flare-B
Part no. without tape fastening:
C10946_Flare-B
A
D
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class
M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
SCALE
1:1 WEIGHT
SHEET
SIZE
DRAWING TITLE
PART NUMBER
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
A4
1/1
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
FLARE-B series
-
-
22.8
Front view
10.8
Top view
2.6
16.6
Bottom view
Tape 0.4mm
29
Right view
Led
Isometric view
2:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com