Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA52 Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA52
Description  POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA52 Datasheet(HTML) 2 Page - Cirrus Logic

  PA52 Datasheet HTML 1Page - Cirrus Logic PA52 Datasheet HTML 2Page - Cirrus Logic PA52 Datasheet HTML 3Page - Cirrus Logic PA52 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, +V
S to –VS
200V
BOOST VOLTAGE, +V
b to -Vb
230V
OUTPUT CURRENT, within SOA
80A
POWER DISSIPATION, internal
400W
INPUT VOLTAGE, differential
±20V
INPUT VOLTAGE, common mode
±V
b
TEMPERATURE, pin solder - 10s
300°C
TEMPERATURE, junction2
150°C
TEMPERATURE, storage
–65 to +150°C
OPERATING TEMPERATURE RANGE, case
–55 to +125°C
PA52 • PA52A
SPECIFICATIONS
NOTES: *
The specification of PA52A is identical to the specification for PA52 in applicable column to the left
1. Unless otherwise noted: T
C = 25°C, DC input specifications are ± value given. Power supply voltage is typical rating.
±V
BOOST = ±VS.
2. Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation to
achieve high MTTF. For guidance, refer to the heatsink data sheet.
3. Rating applies if the output current alternates between both output transistors at a rate faster than 60 Hz.
The PA52 is constructed from MOSFET transistors. ESD handling procedures must be observed.
The internal substrate contains beryllia (BeO). Do not break the seal. If accidentally broken, do not crush, machine, or
subject to temperatures in excess of 850°C to avoid generating toxic fumes.
CAUTION
PA52
PA52A
PARAMETER
TEST CONDITIONS1
MIN
TYP
MAX
MIN
TYP
MAX UNITS
INPUT
OFFSET VOLTAGE, initial
5
10
2
5
mV
OFFSET VOLTAGE, vs. temperature
Full temperature range
20
50
*
*
µV/°V
OFFSET VOLTAGE, vs. supply
10
30
*
*
µV/V
BIAS CURRENT, initial
10
50
*
*
pA
BIAS CURRENT vs. supply
.01
*
pA/V
OFFSET CURRENT, initial
10
50
*
*
pA
INPUT IMPEDANCE, DC
10"
*
Ω
IMPUT CAPACITANCE
13
*
pF
COMMON MODE VOLTAGE RANGE
Full temperature range
-V
B +12
+V
B -14
*
V
COMMON MODE REJECTION,DC
Full temp, range, V
CM= ±20V
90
100
*
*
dB
INPUT NOISE
100KHZ BW, Rs=1KΩ
10
*
µVrms
GAIN
OPEN LOOP,@ 15Hz
Full temperature range
94
102
*
*
dB
GAIN BANDWIDTH PRODUCT
R
L=10Ω
3
*
MHz
POWER BANDWIDTH
R
L=4Ω, Vo=180VP-P, Av=-10
90
*
kHz
Full temperature range
OUTPUT
VOLTAGE SWING
I
o=40A
±V
S
9.5 ±V
S
8.0
*
*
V
VOLTAGE SWING, PA52
±V
BOOST=±VS±10V, Io=40A
±V
S
5.8 ±V
S
4.0
V
VOLTAGE SWING, PA52A
±V
BOOST=±VS±10V, Io=50A
±V
S
5.8 ±V
S
5.0
V
CURRENT, peak
3ms 10% Duty Cycle
80
*
A
SETTLING TIME TO.1%
A
V= -10,10V STEP,RL=4Ω
1
*
µs
SLEW RATE
A
V=-10
50
*
V/µs
RESISTANCE
I
O=0, NO LOAD, 2MHZ
2.5
*
Ω
POWER SUPPLY
VOLTAGE, ±V
BOOST
Full temperature range
+14, -12
±30
±115
*
*
*
V
VOLTAGE, ±V
S
Full temperature range
±3
±100
*
*
V
CURRENT,quiescent, boost supply
26
32
*
*
mA
CURRENT, quiescent, total
30
36
*
*
mA
THERMAL
RESISTANCE,AC,junction to case3
Full temperature range, F>60HZ
.2
.25
*
*
°C/W
RESISTANCE,DC,junction to case
Full temperature range, F>60HZ
.25
.31
*
*
°C/W
RESISTANCE, junction to air
Full temperature range
12
*
°C/W
TEMPERATURE RANGE, case
Meets full range specification
-25
85
*
*
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com