Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87410VLK Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87410VLK
Description  PC87410 PCI-IDE Interface Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87410VLK Datasheet(HTML) 5 Page - National Semiconductor (TI)

  PC87410VLK Datasheet HTML 1Page - National Semiconductor (TI) PC87410VLK Datasheet HTML 2Page - National Semiconductor (TI) PC87410VLK Datasheet HTML 3Page - National Semiconductor (TI) PC87410VLK Datasheet HTML 4Page - National Semiconductor (TI) PC87410VLK Datasheet HTML 5Page - National Semiconductor (TI) PC87410VLK Datasheet HTML 6Page - National Semiconductor (TI) PC87410VLK Datasheet HTML 7Page - National Semiconductor (TI) PC87410VLK Datasheet HTML 8Page - National Semiconductor (TI) PC87410VLK Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Pin Description
PCI Interface
Name
Type
IOL
Description
AD 310
IO
8 mA
MULTIPLEXED ADDRESS AND DATA
The direction of these pins are defined
below
Phase
Address Phase
input
Data Phase
Read
output
Write
input
CBE 30
I
COMMANDBYTE ENABLE
are multiplexed Bus command and Byte enables
PAR
IO
8 mA
PARITY
is even parity across AD 310 and CBE 30 PAR is an input during
writes and an output during reads
FRAME
I
CYCLE FRAME
is driven by the initiator to indicate the beginning and duration of
an access
TRDY
OTRI-STATE
12 mA
TARGET READY
indicates that the current data phase of the transaction is ready
to be completed
IRDY
I
INITIATOR READY
indicates that the initiator is ready to complete the current
data phase of the transaction
STOP
OTRI-STATE
8 mA
STOP
indicates that the current target is requesting the initiator to stop the current
transaction
DEVSEL
OTRI-STATE
8 mA
DEVICE SELECT
when actively drive indicates the driving device has decoded
its adderss as the target of the current access
IDSEL
I
INITIALIZATION DEVICE SELECT
is used as a chip select during configuration
read and write transactions
PERR
OTRI-STATE
8 mA
PARITY ERROR
is used for reporting data parity errors during all PCI transactions
except a Special Cycle PERR
is an output during writes and an input during
reads
SERR
OTRI-STATE
8 mA
SYSTEM ERROR
is used for reporting address parity errors data parity errors on
the Special Cycle command or any other system error where the result will be
castrophic When reporting address parity errors SERR
is an output When
reporting data parity errors for the Special Cycle command SERR
is an output
during writes and an input during needs
INTA
B
OTRI-STATE
8 mA Slew
INTERRUPT
Interrupt request A and B
Rate Control
CLK
I
CLOCK
Up to 33 MHz PCI Clock
RST
I
RESET
PCI Reset
Power and Ground
Name
Type
Description
GND
I
VSS or GROUND
VCC
I
VDD or a5V Power to PCI buffers core and IDE buffers
Note
All signals are TTL except CH0
INT (Pin 48) and CH1
INT (Pin 87) are CMOS
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com