Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5079T Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF5079T
Description  Dual-band power amplifier controller for GSM, PCN and DCS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5079T Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF5079T Datasheet HTML 9Page - NXP Semiconductors PCF5079T Datasheet HTML 10Page - NXP Semiconductors PCF5079T Datasheet HTML 11Page - NXP Semiconductors PCF5079T Datasheet HTML 12Page - NXP Semiconductors PCF5079T Datasheet HTML 13Page - NXP Semiconductors PCF5079T Datasheet HTML 14Page - NXP Semiconductors PCF5079T Datasheet HTML 15Page - NXP Semiconductors PCF5079T Datasheet HTML 16Page - NXP Semiconductors PCF5079T Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
2001 Nov 21
13
Philips Semiconductors
Product specification
Dual-band power amplifier controller for
GSM, PCN and DCS
PCF5079
11 OPERATING CHARACTERISTICS
VDD = 2.5 to 5 V; Tamb = −40 to +85 °C; unless otherwise specified.
Notes
1. Guaranteed by design.
2. Slew rates are measured between 10% and 90% of output voltage interval with a load of 40 pF to ground.
SYMBOL
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
Integrator (OP4G and OP4D)
VDD
supply voltage
2.5
3.6
5.0
V
BG
gain bandwidth
CL = 120 pF; note 1
−
4
−
MHz
PSRR
power supply ripple rejection
f = 217 Hz; VDD = 3 V; note 1 50
55
−
dB
SRpos
positive slew rate
VDD = 3 V; note 2
2.0
3.2
−
V/
µs
SRneg
negative slew rate
VDD = 3 V; note 2
2.0
3.2
−
V/
µs
VO(min)
minimum output voltage
Tamb = 25 °C; see Fig.7
−−
0.2
V
VO(max)
maximum output voltage
RL = 350 Ω; see Fig.8
0.85VDD −−
V
Capacitors C1, C2 and C4
M
matching ratio accuracy
between C1, C2 and C4
−
1
−
%
Low-pass filter for DAC signal (3rd-order Bessel filter)
f3dB
corner frequency
70
100
130
kHz
td(group)
group delay time
see Fig.11
1.8
3.0
4.2
µs
handbook, halfpage
2.5
3.5
4.5
34
5
VDD (V)
MGT333
0.258
0.250
0.256
0.254
0.252
TC
(mV/K)
Fig.7
Temperature coefficient of VO(min) as a
function of VDD.
handbook, halfpage
2.5
3.5
4.5
34
5
VDD (V)
IL
(mA)
13
5
MGT334
11
9
7
Fig.8 Minimum load current as a function of VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com