Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M52723ASP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M52723ASP
Description  DYNAMIC FOCUS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52723ASP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M52723ASP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M52723ASP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M52723ASP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M52723ASP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M52723ASP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M52723ASP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M52723ASP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M52723ASP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M52723ASP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MITSUBISHI ICs (Monitor)
M52723ASP
DYNAMIC FOCUS
3
ELECTRICAL CHARACTERISTICS (cont.)
Symbol
Parameter
Test conditions
Pin No.
Limits
Unit
Min.
Typ.
Max.
DLI
H para. limit size temperature drift
(6) 4.0V in (7) Measure (15) 3.0V in
(17) fH=50kHz H-pulse in (19) 4.0V in
7
−
106
−
ppm/deg
I6
Pin6 input current
(16) 2.5V in, measure
6
-5.0
-0.4
-0.1
µA
I19
Pin19 input current
(19) 2.0V in, measure
19
-5.0
-0.4
-0.1
µA
VERTICAL BLOCK
AVP1
V parabola accuracy 1
(2) 1.9V in (3) 3.5V in
(4) measure (5) 4.0V in
4
9.5
10.0
10.5
V
AVP2
V parabola accuracy 2
(2) 2.7V in (3) 3.5V in
(4) measure (5) 4.0V in
4
6.23
6.73
7.23
V
AVP3
V parabola accuracy 3
(2) 3.5V in (3) 3.5V in
(4) measure (5) 4.0V in
4
20
25
30
%
AVP4
V parabola accuracy 4
(2) 4.3V in (3) 3.5V in
(4) measure (5) 4.0V in
4
20
25
30
%
AVP5
V parabola accuracy 5
(2) 5.1V in (3) 3.5V in
(4) measure (5) 4.0V in
4
90
100
110
%
GVP1
V parabola amplitude 1
(2) fv=70Hz, 3.2VP-P saw wave in
(3) 3.5V in (4) measure (5) 1.0V in
4
0.0
0.0
0.1
VP-P
GVP2
V parabola amplitude 2
(2) fv=70Hz, 3.2VP-P saw wave in
(3) 3.5V in (4) measure (5) 2.5V in
4
2.77
3.12
3.47
VP-P
GVP3
V parabola amplitude 3
(2) fv=70Hz, 3.2VP-P saw wave in
(3) 3.5V in (4) measure (5) 4.0V in
4
6.26
6.56
6.86
VP-P
FVP1
V para. freq. characteristics 1
(2) fv=50Hz, 3.2VP-P saw wave in
(3) 3.5V in (4) measure (5) 4.0V in
4
-0.1
0.0
0.1
V
FVP2
V para. freq. characteristics 2
(2) fv=185Hz, 3.2VP-P saw wave in
(3) 3.5V in (4) measure (5) 4.0V in
4
-0.1
0.0
0.1
V
VVP1
V para. VCC. characteristics 1
(2) fv=70Hz, 3.2VP-P saw wave in
(3) 3.5V in (4) measure (5) 4.0V in
4
-0.1
0.0
0.1
V
VVP2
V para. VCC. characteristics 2
(2) fv=70Hz, 3.2VP-P saw wave in
(3) 3.5V in (4) measure (5) 4.0V in
4
-0.1
0.0
0.1
V
DVP
V para. VCC. temperature drift
(2) fv=70Hz, 3.2VP-P saw wave in
(3) 3.5V in (4) measure (5) 4.0V in
4
−
-325
−
ppm/deg
I2
Pin2 input current
(2) 3.5V in, measure
2
-5.0
-0.4
-0.1
µA
I3
Pin3 input current
(3) 3.5V in, measure
3
-5.0
-0.4
-0.1
µA
I5
Pin5 input current
(5) 2.5V in, measure
5
-5.0
-0.4
-0.1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com