Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSI2001 Datasheet(PDF) 2 Page - MagnaChip Semiconductor.

Part # MSI2001
Description  USB2.0 High-Speed (480Mbps) Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MSI2001 Datasheet(HTML) 2 Page - MagnaChip Semiconductor.

  MSI2001 Datasheet HTML 1Page - MagnaChip Semiconductor. MSI2001 Datasheet HTML 2Page - MagnaChip Semiconductor. MSI2001 Datasheet HTML 3Page - MagnaChip Semiconductor. MSI2001 Datasheet HTML 4Page - MagnaChip Semiconductor. MSI2001 Datasheet HTML 5Page - MagnaChip Semiconductor. MSI2001 Datasheet HTML 6Page - MagnaChip Semiconductor. MSI2001 Datasheet HTML 7Page - MagnaChip Semiconductor. MSI2001 Datasheet HTML 8Page - MagnaChip Semiconductor. MSI2001 Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Preliminary – Subject to change without notice
Feb. 2012. Revision 1.6
MagnaChip Semiconductor Ltd
.
2
Pin Configuration
Pin Description
Truth Table
Pin Assignment
Description
/OEB
Output Enable Bar (Active Low)
SEL
Select A/B Control
D+, D-
Common Data Ports
DA+/-, DB+/-
A/B Data Ports
VDD
DC Supply voltage Input Pin
GND
Ground Pin
SEL
OEB
Function
X
H
Disconnect
L
L
Select A port (D+/- =DA+/-)
H
L
Select B port (D+/-=DB+/-)
1
1
1
1
2
2
2
2
3
3
3
3
4
4
4
4
5
5
5
5
1
1
1
10
0
0
0
9
9
9
9
8
8
8
8
7
7
7
7
6
6
6
6
VDD
GND
SEL
D+
D-
10 pins QFN Package
(Top View)
DB+
6
/OEB
VDD
SEL
DA+
DA-
GND
DB-
D+
D-
7
2
1
8
8
8
8
9
10
5
4
3
Block Diagram
D+
DA-
D-
DA+
DB-
DB+
/OEB
SEL
Control
10 pins MSOP
(Top View)
/OEB
DB+
DB-
DA+
DA-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com