Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC115EEF Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PDTC115EEF
Description  NPN resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC115EEF Datasheet(HTML) 1 Page - NXP Semiconductors

  PDTC115EEF Datasheet HTML 1Page - NXP Semiconductors PDTC115EEF Datasheet HTML 2Page - NXP Semiconductors PDTC115EEF Datasheet HTML 3Page - NXP Semiconductors PDTC115EEF Datasheet HTML 4Page - NXP Semiconductors PDTC115EEF Datasheet HTML 5Page - NXP Semiconductors PDTC115EEF Datasheet HTML 6Page - NXP Semiconductors PDTC115EEF Datasheet HTML 7Page - NXP Semiconductors PDTC115EEF Datasheet HTML 8Page - NXP Semiconductors PDTC115EEF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DATA SHEET
Product specification
Supersedes data of 2004 Apr 06
2004 Aug 06
DISCRETE SEMICONDUCTORS
PDTC115E series
NPN resistor-equipped transistors;
R1 = 100 k
Ω, R2 = 100 kΩ


Similar Part No. - PDTC115EEF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC115EEF PHILIPS-PDTC115EEF Datasheet
93Kb / 14P
PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
2004 Jul 30
PDTC115EEF NXP-PDTC115EEF Datasheet
188Kb / 14P
NPN resistor-equipped transistors; R1 = 100 k廓, R2 = 100 k廓
2004 Aug 06
logo
Nexperia B.V. All right...
PDTC115EEF NEXPERIA-PDTC115EEF Datasheet
420Kb / 15P
NPN resistor-equipped transistors; R1 = 100 kΩ, R2 = 100 kΩ
2004 Aug 06
PDTC115EEF NEXPERIA-PDTC115EEF Datasheet
422Kb / 15P
PNP resistor-equipped transistors; R1 = 100 kΩ, R2 = 100 kΩ
2004 Jul 30
PDTC115EEF NEXPERIA-PDTC115EEF Datasheet
420Kb / 15P
NPN resistor-equipped transistors; R1 = 100 kΩ, R2 = 100 kΩ
2004 Aug 06
More results

Similar Description - PDTC115EEF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA115E PHILIPS-PDTA115E Datasheet
93Kb / 14P
PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
2004 Jul 30
PEMB24 NXP-PEMB24 Datasheet
80Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
Rev. 02-2 September 2009
PEMB24 NXP-PEMB24_09 Datasheet
80Kb / 11P
PNP/PNP resistor-equipped transistors R1 = 100 kW, R2 = 100 kW
Rev. 02-2 September 2009
PEMD24 NXP-PEMD24 Datasheet
78Kb / 10P
NPN/PNP resistor-equipped transistors R1 = 100 kW, R2 = 100 kW
Rev. 01-2 May 2005
PDTC115T PHILIPS-PDTC115T Datasheet
78Kb / 10P
NPN resistor-equipped transistors; R1 =100 kW, R2 open
Rev. 04-17 February 2005
PEMB24_PUMB24 PHILIPS-PEMB24_PUMB24_15 Datasheet
80Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
Rev. 02-2 September 2009
PEMD24_PUMD24 PHILIPS-PEMD24_PUMD24_15 Datasheet
78Kb / 10P
NPN/PNP resistor-equipped transistors R1 = 100 kW, R2 = 100 kW
Rev. 01-2 May 2005
PEMH24_PUMH24 PHILIPS-PEMH24_PUMH24_15 Datasheet
66Kb / 9P
NPN/NPN resistor-equipped transistors R1 = 100 kW, R2 = 100 kW
Rev. 04-18 May 2005
logo
Nexperia B.V. All right...
PDTC115T_SER NEXPERIA-PDTC115T_SER Datasheet
177Kb / 11P
NPN resistor-equipped transistors; R1 = 100 kW, R2 = open
Rev. 04 - 17 February 2005
PEMB24 NEXPERIA-PEMB24 Datasheet
79Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
Rev. 02 - 2 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com