Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD90F40 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PD90F40
Description  THYRISTOR MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PD90F40 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PD90F40 Datasheet HTML 1Page - List of Unclassifed Manufacturers PD90F40 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
PK(PD,PE,KK)90F
THYRISTOR MODULE
UL:E76102
(M)
80
±0.2
M5X10
2.8
110TAB
92
20
20
20
2- 6
17.5
#
Unit
:A
Symbol
Item
Conditions
Ratings
90
Unit
IT(AV)
*Average On-State Current
IT(RMS)
*R.M.S. On-State Current
Single phase, half wave, 180
°conduction, Tc:93℃
Single phase, half wave, 180
°conduction, Tc:93℃
ITSM
*Surge On-State Current
I2t
*I2t
PGM
Peak Gate Power Dissipation
PG(AV)
Average Gate Power Dissipation
IFGM
Peak Gate Current
VFGM
Peak Gate Voltage (Forward)
1
/2cycle, 50Hz/60Hz, peak Value, non-repetitive
Value for one cycle of surge current
A
140
A
2100/2300
A
22000
10
A2S
W
3
VRGM
Peak Gate Voltage (Reverse)
di
/dt
Critical Rate of Rise of On-State Current
IG
=100mA,Tj=25℃,VD=1/2VDRM,dIG/dt=0.1A/μs
VISO
*Isolation Breakdown Voltage (R.M.S.)
Tj
*Operating Junction Temperature
Tstg
*Storage Temperature
Mounting
Torque
Mass
Mounting
(M5)
Terminal
(M5)
A.C.1minute
Recommended Value 1.5-2.5
(15-25)
Recommended Value 1.5-2.5
(15-25)
3
W
A
10
V
5
V
200
A/
μs
2500
V
−40 to +125
℃
−40 to +125
2.7
(28)
2.7
(28)
170
℃
N
・m
(㎏f・B)
g
Symbol
Item
Conditions
Ratings
20
Unit
IDRM
Repetitive Peak Off-State Current, max.
IRRM
*Repetitive Peak Reverse Current, max.
at VDRM, single phase, half wave, Tj
=125℃
at VDRM, single phase, half wave, Tj
=125℃
VTM
*Peak On-State Voltage, max.
IGT
/VGT
Gate Trigger Current/Voltage, max.
VGD
Non-Trigger Gate, Voltage. min.
tgt
Turn On Time, max.
dv
/dt
Critical Rate of Rise of Off-State Voltage, min.
IH
Holding Current, typ.
On-State Current 285A, Tj
=25℃ Inst. measurement
Tj
=25℃,IT=1A,VD=6V
mA
20
mA
1.40
V
100/3
Tj
=125℃,VD=1/2VDRM
IT
=90A,IG=100mA,Tj=25℃,VD=1/2VDRM,dIG/dt=0.1A/μs
0.25
mA/V
V
10
Tj
=125℃, VD=2/3VDRM, Exponential wave.
Tj
=25℃
IL
Lutching Current, typ.
Rth
(j-c)*Thermal Impedance, max.
Tj
=25℃
Junction to case
500
μs
V/
μs
50
mA
100
mA
0.27
℃/W
■Electrical Characteristics
■Maximum Ratings
Symbol
Item
PK90F40
PD90F40
PE90F40
KK90F40
PK90F80
PD90F80
PE90F80
KK90F80
Ratings
PK90F120
PD90F120
PE90F120
KK90F120
PK90F160
PD90F160
PE90F160
KK90F160
Unit
VRRM
*Repetitive Peak Reverse Voltage
400
800
1200
1600
V
480
960
1300
1700
V
400
800
1200
1600
V
VRSM
VDRM
*Non-Repetitive Peak Reverse Voltage
Repetitive Peak Off-State Voltage
*mark:Thyristor and Diode part. No mark:Thyristor part
Power Thyristor/Diode Module PK90F series are designed for various rectifier circuits
and power controls. For your circuit application. following internal connections and wide
voltage ratings up to 1,600V are available. High precision 25mm (1inch) width package
and electrically isolated mounting base make your mechanical design easy.
●
IT(AV) 90A, IT(RMS) 140A, ITSM 2300A
●
di/dt 200 A/
μs
●
dv/dt 500V/
μs
(Applications)
Various rectifiers
AC/DC motor drives
Heater controls
Light dimmers
Static switches
K1
(A2)
(K2)
A1K2
G1
K2
G2
1
2
3
PK
K1
(A2)
(K2)
A1K2
K2
G2
1
2
3
PE
K1
(A2)
(K2)
A1K2
G1
K2
1
2
3
PD
K1
(A2)
(A1)
G1
K2
G2
1
2
1
KK


Similar Part No. - PD90F40

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
PD90FG120 SANREX-PD90FG120 Datasheet
106Kb / 2P
THYRISTOR MODULE
PD90FG160 SANREX-PD90FG160 Datasheet
106Kb / 2P
THYRISTOR MODULE
PD90FG40 SANREX-PD90FG40 Datasheet
106Kb / 2P
THYRISTOR MODULE
PD90FG80 SANREX-PD90FG80 Datasheet
106Kb / 2P
THYRISTOR MODULE
More results

Similar Description - PD90F40

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMTT-500I SEMPO-SMTT-500I Datasheet
353Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-300 SEMPO-SMTT-300 Datasheet
46Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-250H SEMPO-SMTT-250H Datasheet
105Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-90I SEMPO-SMTT-90I Datasheet
51Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-90H SEMPO-SMTT-90H Datasheet
43Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-70I SEMPO-SMTT-70I Datasheet
51Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-50I SEMPO-SMTT-50I Datasheet
51Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTD-800I SEMPO-SMTD-800I Datasheet
81Kb / 1P
THYRISTOR-THYRISTOR MODULE
logo
Naina Semiconductor ltd...
70NTT NAINA-70NTT Datasheet
125Kb / 2P
Thyristor - Thyristor Module
160NTT NAINA-160NTT Datasheet
117Kb / 2P
Thyristor - Thyristor Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com