Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD90F80 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PD90F80
Description  THYRISTOR MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PD90F80 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PD90F80 Datasheet HTML 1Page - List of Unclassifed Manufacturers PD90F80 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PK(PD,PE,KK)90F
;;
2
10
1
5
2
10
0
10
−1
2
5
5
10
1
10
2
2
5
2
10
3
2
5
125℃
25℃
−30℃
Peak Forward Gate Voltage(10V)
Pe
ak G
ate
Po
we
r(1
0W
)
Ave
ra
ge G
ate
P
ow
er(3
W
)
Maximum Gate Voltage that will not trigger any unit(0.25V)
Gate Current(mA)
Gate Characteristics
5
2
2
5
5
10
3
10
2
0
1
2
5
4
3
10
1
On-State Voltage max
On-State Voltage(V)
: Conduction Angle
360
。
2
100
200
150
0
0
20
40
60
140
120
80
160
100
50
D.C.
θ=180゜
θ=120゜
θ=90゜
θ=60゜
θ=30゜
Per one element
Average On-State Current Vs Power Dissipation
(Single phase half wave)
Average On-State Current(A)
: Conduction Angle
360
。
2
130
120
100
110
90
80
60
70
50
0
20
40
120
60
140
80
160
100
D.C.
θ=180゜
θ=120゜
θ=90゜
θ=60゜
θ=30゜
Per one element
Average On-State Current Vs Maximum Allowable
Case Temperature(Single phase half wave)
Average On-State Current(A)
2
2
5
5
3000
2000
2500
1000
1500
500
0
10
1
10
0
10
2
T
j=25℃ start
Per one element
60Hz
50Hz
Surge On-State Current Rating
(Non-Repetitive)
Time(cycles)
0.
5
0.
4
0.
3
0.
2
0.
1
0
10
−3
10
−2
10
−1
10
4
10
3
10
2
10
1
10
0
Per one element
Junction to case
Transient Thermal Impedance
Time
t(sec)
Rth:0.8℃/W
Rth:0.6℃/W
Rth:0.4℃/W
Rth:0.2℃/W
Rth:0.1℃/W
Rth:1.0℃/W
90
100
110
120
125
100
200
0
80
40
0
120
800
600
400
200
B2
W3
B6
W1
Conduction Angle 180゜
Output Current
W1;Bidirectional connection
Output Current(A)
Ambient Temperature(℃)
Id(Ar.m.s.)
Rth:0.8℃/W
Rth:0.6℃/W
Rth:0.4℃/W
Rth:0.2℃/W
Rth:0.1℃/W
Rth:1.0℃/W
Rth:0.8℃/W
Rth:0.6℃/W
Rth:0.4℃/W
Rth:0.2℃/W
Rth:0.1℃/W
Rth:1.0℃/W
0
40
80
120
100
110
120
125
100
90
90
110
120
125
0
40
80
120
B2;Two Pluse bridge connection
Ambient Temperature(℃)
Ambient Temperature(℃)
B6;Six pulse bridge connection
W3;Three phase
bidiretional connection
Id(Aav.)
Id(Aav.)
Id(Ar.m.s.)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com