Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWI12-SC Datasheet(PDF) 3 Page - CUI INC

Part # SWI12-SC
Description  short circuit, over current, and over voltage protections
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SWI12-SC Datasheet(HTML) 3 Page - CUI INC

  SWI12-SC Datasheet HTML 1Page - CUI INC SWI12-SC Datasheet HTML 2Page - CUI INC SWI12-SC Datasheet HTML 3Page - CUI INC SWI12-SC Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
cui.com
date 10/12/2015
│ page 3 of 4
CUI Inc
│ SERIES: SWI12-SC │ DESCRIPTION: AC-DC POWER SUPPLY
units: mm
tolerance: ±1 mm
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
98 x 49 x 32.5
mm
input plug
US 2-pin
MECHANICAL DRAWING
MAXIMUM RECOMMENDED CABLE LENGTH TO MAINTAIN
±5% OUTPUT VOLTAGE TOLERANCE
MODELNO.
CABLEGAUGE
MAXCABLELENGTH
SWI12-12-N-SC
18AWG
7.5 m
SWI12-12-N-SC
20AWG
5.0 m
SWI12-12-N-SC
22AWG
3.0 m
SWI12-12-N-SC
24AWG
2.0 m
SWI12-15-N-SC
18AWG
8.5 m
SWI12-15-N-SC
20AWG
6.0 m
SWI12-15-N-SC
22AWG
5.0 m
SWI12-15-N-SC
24AWG
2.5 m
SWI12-24-N-SC
18AWG
15.5 m
SWI12-24-N-SC
20AWG
12 m
SWI12-24-N-SC
22AWG
9.5 m
SWI12-24-N-SC
24AWG
6.5 m
For more information, please visit the product page
|
For information on related products, view Dc Power Jacks



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com